Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C100 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 1 Page - SMSC Corporation

  USB97C100 Datasheet HTML 1Page - SMSC Corporation USB97C100 Datasheet HTML 2Page - SMSC Corporation USB97C100 Datasheet HTML 3Page - SMSC Corporation USB97C100 Datasheet HTML 4Page - SMSC Corporation USB97C100 Datasheet HTML 5Page - SMSC Corporation USB97C100 Datasheet HTML 6Page - SMSC Corporation USB97C100 Datasheet HTML 7Page - SMSC Corporation USB97C100 Datasheet HTML 8Page - SMSC Corporation USB97C100 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
SMSC DS – USB97C100
Rev. 01/03/2001
USB97C100
ADVANCE INFORMATION
Multi-Endpoint USB Peripheral Controller
FEATURES
High Performance USB Peripheral Controller
Engine
-
Integrated USB Transceiver
-
Serial Interface Engine (SIE)
-
8051 Microcontroller (MCU)
-
Patented Memory Management Unit (MMU)
-
4 Channel 8237 DMA Controller
(ISADMA)
-
4K Byte On Board USB Packet Buffer
-
Quasi-ISA Peripheral Interface
-
USB Bus Snooping Capabilities
-GPIOs
Complete USB Specification 1.1 Compatibility
-
Isochronous, Bulk, Interrupt, and Control
Data Independently Configurable per
Endpoint
-
Dynamic Hardware Allocation of -Packet
Buffer for Virtual Endpoints
-
Multiple Virtual Endpoints (up to 16 TX, 16
RX Simultaneously)
-
Multiple Alternate Address Filters
-
Dynamic Endpoint Buffer Length
Allocation (0-1280 Byte Packets)
High Speed (12Mbps) Capability
MMU and SRAM Buffer Allow Buffer Optimization
and Maximum Utilization of USB Bandwidth
-
128 Byte Page Size
-
10 Pages Maximum per Packet
-
Up to 16 Deep Receive Packet Queue
-
Up to 5 Deep Transmit Packet Queue, per
Endpoint
-
Hardware Generated Packet Header
Records Each Packet Status Automatically
-
Simultaneous Arbitration Between MCU,
SIE, and ISA DMA Accesses
Extended Power Management
-
Standard 8051 "Stop Clock" Modes
-
Additional USB and ISA Suspend
Resume Events
-
Internal 8MHz Ring Oscillator for Immediate
Low Power Code Execution
-
24, 16, 12, 8, 4, and 2 MHz PLL Taps For on
the Fly MCU and DMA Clock Switching
-
Independent Clock/Power Management for
SIE, MMU, DMA and MCU
DMA Capability with ISA Memory
-
Four Independent Channels
-
Transfer Between Internal and External
Memory
-
Transfer Between I/O and Buffer Memory
-
External Bus Master Capable
External MCU Memory Interface
-
1M Byte Code and Data Storage via 16K
Windows
-
Flash, SRAM, or EPROM
-
Downloadable via USB, Serial Port, or ISA
Peripheral
Quasi-ISA Interface Allows Interface to New and
"Legacy" Peripheral Devices
-
1M ISA Memory Space via 4K MCU Window
-
64K ISA I/O Space via 256 Byte MCU
Window
-
4 External Interrupt Inputs
-
4 DMA Channels
-
Variable Cycle Timing
-
8 Bit Data Path
5V or 3.3v Operation
On Board Crystal Driver Circuit
128 Pin QFP Package
ORDERING INFORMATION
Order Number: USB97C100QFP
128 Pin QFP Package


Similar Part No. - USB97C100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C102 SMSC-USB97C102 Datasheet
521Kb / 80P
Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
More results

Similar Description - USB97C100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
enCoRe USB Low-speed USB Peripheral Controller
October 21, 2002
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
Low-speed USB Peripheral Controller
logo
List of Unclassifed Man...
NET2272 ETC2-NET2272 Datasheet
560Kb / 102P
USB 2.0 Peripheral Controller
logo
SMSC Corporation
USB97C102 SMSC-USB97C102 Datasheet
521Kb / 80P
Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
logo
Cypress Semiconductor
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
Low-speed USB Peripheral Controller
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
USB 2.0 High Speed Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
Cypress Semiconductor
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com