Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C100 Datasheet(PDF) 52 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 48Page - SMSC Corporation USB97C100 Datasheet HTML 49Page - SMSC Corporation USB97C100 Datasheet HTML 50Page - SMSC Corporation USB97C100 Datasheet HTML 51Page - SMSC Corporation USB97C100 Datasheet HTML 52Page - SMSC Corporation USB97C100 Datasheet HTML 53Page - SMSC Corporation USB97C100 Datasheet HTML 54Page - SMSC Corporation USB97C100 Datasheet HTML 55Page - SMSC Corporation USB97C100 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
SMSC DS – USB97C100
Page 52
Rev. 01/03/2001
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I/O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 8 mA @ VCC =
5V
IOL = 4 mA @ VCC =
3.3V
IOH = -4 mA @ VCC
= 5V
IOH = -2 mA @ VCC
= 3.3V
VIN = 0 to VCC
(Note 1)
I/O16 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 16 mA @ VCC
= 5V
IOL = 8 mA @ VCC =
3.3V
IOH = -8 mA @ VCC
= 5V
IOH = -4 mA @ VCC
= 3.3V
VIN = 0 to VCC
(Note 1)
I/O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 24 mA @ VCC
= 5V
IOL = 12 mA @ VCC
= 3.3V
IOH = -12 mA @ VCC
= 5V
IOH = -6 mA @ VCC
= 3.3V
VIN = 0 to VCC
(Note 1)
IO-U
Note 2
Supply Current Unconfigured
Note: MCU running on Ring
Oscillator
ICCINIT
13
27
17
35
mA
mA
@ VCC = 3.3V
@ VCC = 5.0V
Supply Current Active
ICC
21
42
32
63
mA
mA
@ VCC = 3.3V
@ VCC = 5.0V
Supply Current Standby
ICSBY
14
130
60
350
µA
µA
@ VCC = 3.3V
@ VCC = 5.0V
Note 1: Output leakage is measured with the current pins in high impedance.
Note 2: See Appendix A for USB DC electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com