Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C202 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB97C202
Description  USB 2.0 ATA/ATAPI Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB97C202 Datasheet HTML 7Page - SMSC Corporation USB97C202 Datasheet HTML 8Page - SMSC Corporation USB97C202 Datasheet HTML 9Page - SMSC Corporation USB97C202 Datasheet HTML 10Page - SMSC Corporation USB97C202 Datasheet HTML 11Page - SMSC Corporation USB97C202 Datasheet HTML 12Page - SMSC Corporation USB97C202 Datasheet HTML 13Page - SMSC Corporation USB97C202 Datasheet HTML 14Page - SMSC Corporation USB97C202 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 11
Revision 1.6 (01-09-07)
DATASHEET
MISC
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
12Mhz Crystal or external clock input.
This pin can be connected to one terminal of
the crystal or can be connected to an external
12Mhz clock when a crystal is not used.
Crystal Output XTAL2
OCLKx
12Mhz Crystal
This is the other terminal of the crystal, or left
open when an external clock source is used to
drive XTAL1/CLKIN. It may not be used to
drive any external circuitry other than the
crystal circuit.
Clock Output
CLKOUT
O8
This pin produces a 30Mhz clock signal
independent of the processor clock divider. It is
held inactive and low whenever the internal
processor clock is stopped or is being obtained
from the ring oscillator.
Internal ROM
Enable
ROMEN
IP
When left unconnected or tied high, the
USB97C202 uses the internal ROM for
program execution. When tied low, an external
program memory should be connected to the
memory/data bus. The state of this pin latched
internally on the rising edge of nRESET.
General
Purpose I/O
GPIO[1:7]
IO20
These general purpose pins may be used
either as inputs, edge sensitive interrupt inputs,
or outputs. When using internal ROM mode,
these pins have the following assignments:
GPIO1: USB HS Indicator; active high. In part
number USB97C202-MN-03 or later ROM
codes, this pin also goes high during USB data
transfers.
GPIO2: Serial EEPROM (93LC66 type) Chip
Select
GPIO3: USB VBUS Detect Input
GPIO4: Serial EEPROM Data In/OutGPIO5:
ATA Drive Reset
GPIO6: A16 control line for external program
Flash memory when using firmware upgrade
capability (external ROM operation only)
GPIO7: Serial EEPROM Clock output
RESET input
nRESET
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be
at least 100ns wide.
Test input
nTEST[0:2]
IP
These signals are used for testing the chip.
User should normally leave them unconnected.
For board continuity testing, all pads (except
RBIAS, FSDP, USBDP, USBDM, FSDM,
RTERM, XTAL1, XTAL2, LOOPFLTR and
nTEST[0:2]) are included in an XNOR chain
which is enabled by pulling nTEST2 low. nIOR
is the output of the chain (the chain begins at
pin 2) and will reflect the toggling of a signal
on each pin. Circuit board continuity of the pin
solder connections after assembly can be
checked in this manner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com