Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C202 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB97C202
Description  USB 2.0 ATA/ATAPI Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB97C202 Datasheet HTML 11Page - SMSC Corporation USB97C202 Datasheet HTML 12Page - SMSC Corporation USB97C202 Datasheet HTML 13Page - SMSC Corporation USB97C202 Datasheet HTML 14Page - SMSC Corporation USB97C202 Datasheet HTML 15Page - SMSC Corporation USB97C202 Datasheet HTML 16Page - SMSC Corporation USB97C202 Datasheet HTML 17Page - SMSC Corporation USB97C202 Datasheet HTML 18Page - SMSC Corporation USB97C202 Datasheet HTML 19Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 17
Revision 1.6 (01-09-07)
DATASHEET
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
IO-U
Note 7.2
Supply Current Unconfigured
ICCINIT
65
85
mA
mA
VDDIO, VDDA
VDD, VDDP
Supply Current Active
ICC
85
120
mA
mA
VDDIO, VDDA
VDD, VDDP
Note 7.1
Output leakage is measured with the current pins in high impedance.
Note 7.2
See appendix A for USB DC electrical characteristics.
Note 7.3
Output leakage is valid only on pins without internal weak pull ups or pull downs.
7.1.1
Capacitance TA = 25°C; FC = 1MHz; VDD = 2.5V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
All pins except USB pins
(and pins under test tied
to AC ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com