Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C202 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB97C202
Description  USB 2.0 ATA/ATAPI Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB97C202 Datasheet HTML 8Page - SMSC Corporation USB97C202 Datasheet HTML 9Page - SMSC Corporation USB97C202 Datasheet HTML 10Page - SMSC Corporation USB97C202 Datasheet HTML 11Page - SMSC Corporation USB97C202 Datasheet HTML 12Page - SMSC Corporation USB97C202 Datasheet HTML 13Page - SMSC Corporation USB97C202 Datasheet HTML 14Page - SMSC Corporation USB97C202 Datasheet HTML 15Page - SMSC Corporation USB97C202 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 12
Revision 1.6 (01-09-07)
DATASHEET
POWER, GROUNDS, and NO CONNECTS
VDD
+2.5V Core power
VDDIO
+3.3V I/O power
VDDP
+2.5 Analog power
VSSP
Analog Ground Reference
VDDA
+3.3V Analog power
VSSA
Analog Ground Reference
GND
Ground Reference
NC
No Connect. These pins should not be
connected externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com