Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C211 Datasheet(PDF) 22 Page - SMSC Corporation

Part # USB97C211
Description  USB 2.0 Flash Media Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C211 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button USB97C211 Datasheet HTML 16Page - SMSC Corporation USB97C211 Datasheet HTML 17Page - SMSC Corporation USB97C211 Datasheet HTML 18Page - SMSC Corporation USB97C211 Datasheet HTML 19Page - SMSC Corporation USB97C211 Datasheet HTML 20Page - SMSC Corporation USB97C211 Datasheet HTML 21Page - SMSC Corporation USB97C211 Datasheet HTML 22Page - SMSC Corporation USB97C211 Datasheet HTML 23Page - SMSC Corporation USB97C211 Datasheet HTML 24Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
SMSC USB97C211
Page 22
Revision 1.3 (11-05-03)
DATASHEET
8
TYPICAL APPLICATION
FS+
MA7
MA10
VDD
R18
1K
VR2
3.3V Regulator
3
2
VIN
VOUT
VDD
MA3
C6
.1uF
R17 10K
Q2
VDDIO
VDDIO
MA11
MA3
USB-
USB+
R4 39.2
1
2
VDDSM
Q1
SERIAL EEPROM
D
USB97C211 Typical Application
Custom
11
Friday , August 02, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
VDDIO
MA5
MA16
D2
LED
U3
93LC66A Serial EEPROM
1
2
3
4
5
6
7
8
CS
CLK
DI
DO
VSS
N.C.
N.C.
VCC
MA14
P1
USB TYPE B
1
3
2
4
VCC
D+
D-
GND
C10
.1uF
GPIO7
MA6
R5 39.2
1
2
C9
.1uF
C5
.1uF
C16
22pf
R12
100
VDD
VDDIO
COMPACT FLASH MEDIA SOCKET
J1
Compact_Flash_1
MA0
MA15
MA13
VCCEXT
MA2
Q4
MOSFET P
VDDIO
VDDA
VDDIO
C11
.1uF
MA10
VDDCF
GPIO5
Flash Card Power Control
GPIO4
MA14
Q3
MA9
VDD
MA13
U2
39VF010 or equiv OTP/EPROM
12
11
10
9
8
7
6
5
27
26
23
25
4
28
29
22
24
31
1
13
14
15
17
18
19
20
21
32
16
30
3
2
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
CE
OE
WE
VPP
D0
D1
D2
D3
D4
D5
D6
D7
VCC
GND
NC
A15
A16
HS
Indicator
MA6
MA4
GPIO14
MA9
MA1
GPIO9
C12
.1uF
C15
1µf
USB97C211
(128 pin VTQFP)
U1
90
93
91
89
36
40
17
41
23
69
70
71
72
73
62
63
75
76
81
77
78
80
82
83
84
85
86
87
88
92
79
39
4
16
15
13
12
11
10
9
8
7
6
5
3
2
1
128
18
19
20
21
22
26
27
28
25
24
29
14
51
SM_nCE
SM_nCD
SM_nWPS
SM_nWP
NC
NC
MA15
VDDIO
VSS
CF_nCS0
CF_nCS1
CF_SA0
CF_SA1
CF_SA2
CF_nCD1
CF_nCD2
SM_D0
SM_D1
VDDCORE
SM_D2
SM_D3
SM_D4
SM_D5
SM_D6
SM_D7
SM_ALE
SM_CLE
SM_nRE
SM_nWE
SM_nB/R
VSS
NC
VDDIO
MA14
MA13
MA12
MA11
MA10
MA9
MA8
MA7
MA6
MA5
MA4
MA3
MA2
MA1
MA0
MD0
MD1
MD2
MD3
MD4
MD7
nMRD
nMWR
MD6
MD5
nMCE
VDDCORE
VSS
Note 1: If firmware download is not required,a 64KB Flash
(39VF512) can be used. GPIO6 should be not connected.
VDDCF
MA[0:15]
MA2
MA1
C14
.1uF
VDDIO
D3
LED
4x100K
R7
10 K
+
C1
10uF
SM
Insertion/
Activity
Indicator
MA8
+
C4
10uF
GPIO2
MA15
MA5
D1
LED
MA11
GPIO13
R3
1M
R2
10K
R6
10 K
VCCEXT
100K
CF
Insertion/
Activity
Indicator
C8
.1uF
VDDIO
MA7
Q5
MOSFET P
Note: May be
eliminated with
appropriate firmware
and component
utilization for U2
VDDCF
MA0
C7
.1uF
VDDSM
VDDSM
C17 22pf
FS-
MA4
VDDIO
VDD
+
C3
10uF
+
C2
10uF
High Speed INIDICATOR
R8
1.5K1/10W
5%
R19
100
VR1
2.5V Regulator
3
2
VIN
VOUT
MA12
GPIO10
Y1
12.00Mhz
VDDIO
MA12
J2
Smart_Media
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
GND
CLE
ALE
WE#
WP#
D0
D1
D2
D3
GND
CD#
VCC
D4
D5
D6
D7
LVD
GND
R/B#
RE#
CE#
VCC
Card Det. SW0
Card Det. SW1
MA8
R11
100
R1
10.0K
1/10W
1%
VDDIO,VDDA
GPIO3
100K
C13
.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com