Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C211 Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB97C211
Description  USB 2.0 Flash Media Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C211 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB97C211 Datasheet HTML 3Page - SMSC Corporation USB97C211 Datasheet HTML 4Page - SMSC Corporation USB97C211 Datasheet HTML 5Page - SMSC Corporation USB97C211 Datasheet HTML 6Page - SMSC Corporation USB97C211 Datasheet HTML 7Page - SMSC Corporation USB97C211 Datasheet HTML 8Page - SMSC Corporation USB97C211 Datasheet HTML 9Page - SMSC Corporation USB97C211 Datasheet HTML 10Page - SMSC Corporation USB97C211 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SMSC USB97C211
Page 7
Revision 1.3 (11-05-03)
DATASHEET
2.2 Pin Numbers
2.2.1
128 PIN VTQFP
PIN #
NAME
MA
PIN #
NAME
MA
PIN #
NAME
MA PIN #
NAME
MA
1
MA1
8
33
TEST3
8
65
CF_IORDY
-
97
RBIAS
2
MA2
8
34
TEST4
8
66
CF_nIOR
8
98
VDDA
3
MA3
8
35
TEST5
8
67
CF_nIOW
8
99
FS+
4
VDDIO
36
N.C.
8
68
CF_nRESET 8
100
USB+
5
MA4
8
37
N.C.
8
69
CF_nCS0
8
101
USB-
6
MA5
8
38
N.C.
8
70
CF_nCS1
8
102
FS-
7
MA6
8
39
N.C.
8
71
CF_SA0
8
103
RTERM
8
MA7
8
40
N.C.
8
72
CF_SA1
8
104
VSSA
9
MA8
8
41
VDDIO
73
CF_SA2
8
105
XTAL1
10
MA9
8
42
N.C.
8
74
VDDIO
106
XTAL2
11
MA10
8
43
TEST2
8
75
SM_D0
8
107
VSSP
12
MA11
8
44
CF_D0
8
76
SM_D1
8
108 LOOPFLTR
13
MA12
8
45
CF_D1
8
77
SM_D2
8
109
VDDP
14
VDDCORE
46
CF_D2
8
78
SM_D3
8
110
GPIO0
8
15
MA13
8
47
CF_D3
8
79
VSSIO
111
GPIO1
8
16
MA14
8
48
CF_D4
8
80
SM_D4
8
112
GPIO2
8
17
MA15
8
49
CF_D5
8
81
VDDCORE
8
113
GPIO3
8
18
MD0
8
50
CF_D6
8
82
SM_D5
8
114
VSSCORE
19
MD1
8
51
VSSIO
83
SM_D6
115
GPIO4
8
20
MD2
8
52
VSSCORE
84
SM_D7
8
116
GPIO5
8
21
MD3
8
53
CF_D7
8
85
SM_ALE
8
117
GPIO6
8
22
MD4
8
54
CF_D8
8
86
SM_CLE
8
118
GPIO7
8
23
VSSIO
55
CF_D9
8
87
SM_nRE
8
119
GPIO8
8
24
MD5
8
56
CF_D10
8
88
SM_nWE
8
120
GPIO9
8
25
MD6
8
57
CF_D11
8
89
SM_nWP
8
121
GPIO10
8
26
MD7
8
58
CF_D12
8
90
SM_nCE
8
122
GPIO11
8
27
nMRD
8
59
CF_D13
8
91
SM_nWPS
-
123
GPIO12
8
28
nMWR
8
60
CF_D14
8
92
SM_nB/R
-
124
VSSIO
29
nMCE
8
61
CF_D15
8
93
SM_nCD
-
125
GPIO13
8
30
nIOW
8
62
CF_nCD1
-
94
nRESET
-
126
GPIO14
8
31
nIOR
8
63
CF_nCD2
-
95
nTEST0
-
127
GPIO15
8
32
N.C.
-
64
CF_IRQ
-
96
nTEST1
-
128
MA0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com