Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C211 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB97C211
Description  USB 2.0 Flash Media Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C211 Datasheet(HTML) 5 Page - SMSC Corporation

  USB97C211 Datasheet HTML 1Page - SMSC Corporation USB97C211 Datasheet HTML 2Page - SMSC Corporation USB97C211 Datasheet HTML 3Page - SMSC Corporation USB97C211 Datasheet HTML 4Page - SMSC Corporation USB97C211 Datasheet HTML 5Page - SMSC Corporation USB97C211 Datasheet HTML 6Page - SMSC Corporation USB97C211 Datasheet HTML 7Page - SMSC Corporation USB97C211 Datasheet HTML 8Page - SMSC Corporation USB97C211 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SMSC USB97C211
Page 5
Revision 1.3 (11-05-03)
DATASHEET
TABLE OF CONTENTS
1
GENERAL DESCRIPTION.................................................................................................................................3
2
PIN TABLE.........................................................................................................................................................6
2.1
By Interface................................................................................................................................... 6
2.2
Pin Numbers ................................................................................................................................. 7
2.2.1
128 Pin VTQFP.......................................................................................................................... 7
2.2.2
128 Pin QFP .............................................................................................................................. 8
3
PIN CONFIGURATION ......................................................................................................................................9
3.1
128 Pin VTQFP.............................................................................................................................. 9
3.2
128 Pin QFP ................................................................................................................................ 10
4
BLOCK DIAGRAM...........................................................................................................................................11
5
PIN DESCRIPTIONS........................................................................................................................................12
5.1
Pin Descriptions......................................................................................................................... 12
5.2
Buffer Type Descriptions .......................................................................................................... 16
6
DC PARAMETERS ..........................................................................................................................................17
6.1
Maximum Guaranteed Ratings ................................................................................................. 17
7
PACKAGE OUTLINES.....................................................................................................................................20
7.1
128 Pin VTQFP Package Outline, 14X14X1.0 Body, 2 MM Footprint .................................... 20
7.2
128 Pin QFP Package Outline, 14X20X2.7 Body, 3.9 MM Footprint ...................................... 21
8
TYPICAL APPLICATION .................................................................................................................................22
9
REFERENCES .................................................................................................................................................23
10
USB97C211 REVISIONS .................................................................................................................................24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com