Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8405A-CS Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS8405A-CS
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A-CS Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS8405A-CS Datasheet HTML 29Page - Cirrus Logic CS8405A-CS Datasheet HTML 30Page - Cirrus Logic CS8405A-CS Datasheet HTML 31Page - Cirrus Logic CS8405A-CS Datasheet HTML 32Page - Cirrus Logic CS8405A-CS Datasheet HTML 33Page - Cirrus Logic CS8405A-CS Datasheet HTML 34Page - Cirrus Logic CS8405A-CS Datasheet HTML 35Page - Cirrus Logic CS8405A-CS Datasheet HTML 36Page - Cirrus Logic CS8405A-CS Datasheet HTML 37Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
CS8405A
34
DS469F2
14. APPENDIX A: EXTERNAL
AES3/SPDIF/IEC60958 TRANSMITTER
AND RECEIVER COMPONENTS
This section details the external components re-
quired to interface the AES3 transmitter and re-
ceiver to cables and fiber-optic components.
14.1
AES3 Transmitter External
Components
The output drivers on the CS8405A are designed
to drive both the professional and consumer inter-
faces. The AES3 specification for profession-
al/broadcast
use
calls
for
a
110
Ω source
impedance and a balanced drive capability. Since
the transmitter output impedance is very low, a
110
Ω resistor should be placed in series with one
of the transmit pins. The specifications call for a
balanced output drive of 2-7 V peak-to-peak into a
110
Ω load with no cable attached. Using the cir-
cuit in Figure 11, the output of the transformer is
short-circuit protected, has the proper source im-
pedance, and provides a 5 V peak-to-peak signal
into a 110
Ω load. Lastly, the two output pins
should be attached to an XLR connector with male
pins and a female shell, and with pin 1 of the con-
nector grounded.
In the case of consumer use, the IEC60958 speci-
fications call for an unbalanced drive circuit with an
output impedance of 75
Ω and a output drive level
of 0.5 V peak-to-peak ±20% when measured
across a 75
Ω load using no cable. The circuit
shown in Figure 12 only uses the TXP pin and pro-
vides the proper output impedance and drive level
using standard 1% resistors. If VL+ is driven from
+3.3 V, use resistor values of 243
Ω and 107 Ω.
The connector for a consumer application would
be an RCA phono socket. This circuit is also short
circuit protected.
The TXP pin may be used to drive TTL or CMOS
gates as shown in Figure 13. This circuit may be
used for optical connectors for digital audio since
they usually have TTL or CMOS compatible inputs.
This circuit is also useful when driving multiple dig-
ital audio outputs since RS422 line drivers have
TTL compatible inputs.
14.2
Isolating Transformer Requirements
Please refer to the application note AN134: AES
and SPDIF Recommended Transformers for re-
sources on transformer selection.
110-(R
TXP+RTXN)
TXP
TXN
XLR
1
CS8405A
Figure 11. Professional Output Circuit
Figure 12. Consumer Output Circuit
374 - R
TX P
90. 9
Ω
TX P
TX N
C S 8405A
Figure 13. TTL/CMOS Output Circuit
TXP
TXN
TTL or
CMOS Gate
CS8405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com