Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1106 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ISP1106
Description  Advanced Universal Serial Bus transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1106 Datasheet(HTML) 5 Page - NXP Semiconductors

  ISP1106 Datasheet HTML 1Page - NXP Semiconductors ISP1106 Datasheet HTML 2Page - NXP Semiconductors ISP1106 Datasheet HTML 3Page - NXP Semiconductors ISP1106 Datasheet HTML 4Page - NXP Semiconductors ISP1106 Datasheet HTML 5Page - NXP Semiconductors ISP1106 Datasheet HTML 6Page - NXP Semiconductors ISP1106 Datasheet HTML 7Page - NXP Semiconductors ISP1106 Datasheet HTML 8Page - NXP Semiconductors ISP1106 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
5 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
6.2 Pin description
Table 3:
Pin description
Symbol[1]
Pin
Type
Description
ISP1105
HBCC16
ISP1106/7
HBCC16
ISP1106/7
TSSOP16
OE
113I
input for output enable (CMOS level with respect to VCC(I/O),
active LOW); enables the transceiver to transmit data on
the USB bus
RCV
224O
differential data receiver output (CMOS level with respect to
VCC(I/O)); driven LOW when input SUSPND is HIGH; the
output state of RCV is preserved and stable during an SE0
condition
VP
335O
single-ended D
+ receiver output (CMOS level with respect
to VCC(I/O)); for external detection of single-ended zero
(SE0), error conditions, speed of connected device; driven
HIGH when no supply voltage is connected to VCC(5.0) and
Vreg(3.3)
VM
446O
single-ended D
− receiver output (CMOS level with respect
to VCC(I/O)); for external detection of single-ended zero
(SE0), error conditions, speed of connected device; driven
HIGH when no supply voltage is connected to VCC(5.0) and
Vreg(3.3)
SUSPND
557I
suspend input (CMOS level with respect to VCC(I/O)); a
HIGH level enables low-power state while the USB bus is
inactive and drives output RCV to a LOW level
MODE
6
I
mode input (CMOS level with respect to VCC(I/O)); a HIGH
level enables the differential input mode (VPO, VMO)
whereas a LOW level enables a single-ended input mode
(VO, FSE0). see Table 5 and Table 6
GND
-[2]
6
8
-
ground supply
VCC(I/O)
779-
supply voltage for digital I/O pins (1.65 to 3.6 V). When
VCC(I/O) is not connected, the (D+, D−) pins are in
three-state. This supply pin is totally independent of
VCC(5.0) and Vreg(3.3) and must never exceed the Vreg(3.3)
voltage.
SPEED
8
8
10
I
speed selection input (CMOS level with respect to VCC(I/O));
adjusts the slew rate of differential data outputs D
+ and D−
according to the transmission speed:
LOW: low-speed (1.5 Mbit/s)
HIGH: full-speed (12 Mbit/s)
D
−
9
9
11
AI/O
negative USB data bus connection (analog, differential); for
low-speed mode connect to pin Vpu(3.3) via a 1.5 kΩ resistor
D
+
10
10
12
AI/O
positive USB data bus connection (analog, differential); for
full-speed mode connect to pin Vpu(3.3) via a 1.5 kΩ resistor
VPO/VO
11
11
13
I
driver data input (CMOS level with respect to VCC(I/O),
Schmitt trigger); see Table 5 and Table 6
VMO/FSE0
12
12
14
I
driver data input (CMOS level with respect to VCC(I/O),
Schmitt trigger); see Table 5 and Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com