Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1106 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # ISP1106
Description  Advanced Universal Serial Bus transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1106 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button ISP1106 Datasheet HTML 12Page - NXP Semiconductors ISP1106 Datasheet HTML 13Page - NXP Semiconductors ISP1106 Datasheet HTML 14Page - NXP Semiconductors ISP1106 Datasheet HTML 15Page - NXP Semiconductors ISP1106 Datasheet HTML 16Page - NXP Semiconductors ISP1106 Datasheet HTML 17Page - NXP Semiconductors ISP1106 Datasheet HTML 18Page - NXP Semiconductors ISP1106 Datasheet HTML 19Page - NXP Semiconductors ISP1106 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
16 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
12. Package outline
Fig 12. HBCC16 package outline.
2.5
A1
b
A2
UNIT
D
Eh
e1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
01-11-13
IEC
JEDEC
JEITA
mm
0.8
0.10
0.05
0.7
0.6
3.1
2.9
1.45
1.35
3.1
2.9
1.45
1.35
0.33
0.27
DIMENSIONS (mm are the original dimensions)
SOT639-2
MO-217
Dh
0.33
0.27
b1
0.38
0.32
b2
2.45
e3
E
0.23
0.17
f
0.5
w
e
yy1
0.1
0.05
0.2
2.5
e2
2.45
e4
0.08
v
0
2.5
5 mm
scale
SOT639-2
HBCC16: plastic thermal enhanced bottom chip carrier; 16 terminals; body 3 x 3 x 0.65 mm
A
max.
detail X
y
y1 C
e
e
e1
e3
Dh
e4
D
E
X
C
B
A
16
113
59
e2
1/2 e3
1/2 e4
Eh
A1
A2
A
b2
b1
b2
b
f
terminal 1
index area
A
C
C
B
v M
w M
A
C
C
B
v M
w M
A
C
C
B
v M
w M
A
C
C
B
v M
w M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com