Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1106 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # ISP1106
Description  Advanced Universal Serial Bus transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1106 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button ISP1106 Datasheet HTML 16Page - NXP Semiconductors ISP1106 Datasheet HTML 17Page - NXP Semiconductors ISP1106 Datasheet HTML 18Page - NXP Semiconductors ISP1106 Datasheet HTML 19Page - NXP Semiconductors ISP1106 Datasheet HTML 20Page - NXP Semiconductors ISP1106 Datasheet HTML 21Page - NXP Semiconductors ISP1106 Datasheet HTML 22Page - NXP Semiconductors ISP1106 Datasheet HTML 23Page - NXP Semiconductors ISP1106 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
22 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
16. Revision history
Table 19:
Revision history
Rev Date
CPCN
Description
06
20011130
-
Product data; sixth version. Supersedes ISP1105_1106_1107-05 of 3 Sept 2001 (9397
750 08643). Modifications:
• Changed the HBCC16 package version from SOT639-1 to SOT639-2 in:
– Table 1 “Ordering information” on page 2.
– Section 12 “Package outline” on page 16.
– Figure 15 “(H)BCC footprint and solder resist mask dimensions.” on page 21.
• Section 7.4 “Power supply input options”: Removed the last sentence “The internal
regulator is not used in single-ended mode and is shutdown.” from the Internal regulator
definition.
05
20010903
-
Product data; fifth version. Supersedes ISP1105_1106_1107-04 of 2 Aug 2001 (9397
750 08643). Modifications:
• Replaced front-page logo with new USB basic-speed logo.
04
20010802
-
Preliminary data; fourth version. Supersedes ISP1105_1106_1107-03 of 4 July 2001
(9397 750 08515). Modifications:
• Section 1 “General description”: removed backward compatibility with PDIUSBP11A.
• Section 2 “Features”:
– Removed backward compatibility with PDIUSBP11A.
– Added ‘on-chip’ for the ESD protection.
– Changed the I/O voltage range from ‘1.8 V, 2.5 V or 3.3 V’ into ‘1.65 V to 3.6 V’.
• Section 6.2 “Pin description”: changed the description for pin VCC(I/O).
• Section 7.3 “Power supply configurations”: changed VCC(I/O) range from ‘1.8 V, 2.5 V or
3.3 V’ into ‘1.65 to 3.6 V’ in the description of Normal mode, in Table 8 and in Table 10.
• Table 13 “Static characteristics: supply pins”: removed table note for ICC referencing the
USB On-The-Go specification.
• Table 14 “Static characteristics: digital pins”: changed the commonly supported types of
VCC(I/O) into examples.
• Section 15.1 “(H)BCC packages: footprint”: added paragraph on terminal composition.
• Section 15.2 “(H)BCC packages: reflow soldering profile”: changed peak temperature
from 220
°C ±5 °C to 260 °C (ambient) and 255 °C (device surface).
03
20010704
-
Preliminary data; third version. Supersedes ISP1107-02 of 5 February 2001
(9397 750 07879). Modification:
• ISP1107, ISP1106 and ISP1105 combined into one datasheet.
02
20010205
-
Objective specification; second version. Supersedes ISP1107-01 of 23 February 2000
(9397 750 06899). ISP1107 stand-alone datasheet only.
01
20000223
-
Objective specification; initial version. ISP1107 stand-alone datasheet only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com