Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-70JE Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM29F040B-70JE
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-70JE Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM29F040B-70JE Datasheet HTML 26Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 27Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 28Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 29Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 30Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 31Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 32Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 33Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
28
Am29F040B
21445E5 November 1, 2006
D A TA
SH EE T
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 5.0 V V
CC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90°C, VCC = 4.5 V (4.75 V for -55), 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes
program faster than the maximum byte program time listed. If the maximum byte program time given is exceeded, only then
does the device set DQ5 = 1. See the section on DQ5 for further information.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See Table 4
for further information on command definitions.
6. The device has a guaranteed minimum erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 5.0 V, one pin at a time.
TSOP PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter
Typ
(Note 1)
Max
(Note 2)
Unit
Comments
Sector Erase Time
1
8
sec
Excludes 00h programming prior to erasure (Note 4)
Chip Erase Time
8
64
sec
Byte Programming Time
7
300
µs
Excludes system-level overhead (Note 5)
Chip Programming Time (Note 3)
3.6
10.8
sec
Min
Max
Input Voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com