Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-70JE Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F040B-70JE
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-70JE Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F040B-70JE Datasheet HTML 3Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 4Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 5Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 6Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 7Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 8Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 9Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 10Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
November 1, 2006 21445E5
Am29F040B
5
D A TA
SH EE T
CONNECTION DIAGRAMS
PIN CONFIGURATION
A0–A18
=
Address Inputs
DQ0–DQ7 =
Data Input/Output
CE#
=
Chip Enable
WE#
=
Write Enable
OE#
=
Output Enable
VSS
=
Device Ground
VCC
=+5.0 V single power supply
(see Product Selector Guide for
device speed ratings and voltage
supply tolerances)
LOGIC SYMBOL
VCC
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PDIP
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
131 30
2
3
432
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
WE#
VCC
A18
A16
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32-Pin Standard TSOP
19
8
DQ0–DQ7
A0–A18
CE#
OE#
WE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com