Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-70JE Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29F040B-70JE
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-70JE Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29F040B-70JE Datasheet HTML 9Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 10Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 11Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 12Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 13Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 14Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 15Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 16Page - Advanced Micro Devices AM29F040B-70JE Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
November 1, 2006 21445E5
Am29F040B
11
D A TA
SH EE T
Any commands written to the device during the Em-
bedded Program Algorithm are ignored.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from a “0” back to a “1”. Attempting to do so may halt
the operation and set DQ5 to “1”, or cause the Data#
Polling algorithm to indicate the operation was suc-
cessful. However, a succeeding read shows that the
data is still “0”. Only erase operations can convert a “0”
to a “1”.
Note: See the appropriate Command Definitions table for
program command sequence.
Figure 1.
Program Operation
Chip Erase Command Sequence
Chip erase is a six-bus-cycle operation. The chip erase
command sequence is initiated by writing two unlock
cycles, followed by a set-up command. Two additional
unlock write cycles are then followed by the chip erase
command, which in turn invokes the Embedded Erase
algorithm. The device does not require the system to
preprogram prior to erase. The Embedded Erase algo-
rithm automatically preprograms and verifies the entire
memory for an all zero data pattern prior to electrical
erase. The system is not required to provide any con-
trols or timings during these operations. The Command
Definitions table shows the address and data require-
ments for the chip erase command sequence.
Any commands written to the chip during the Embed-
ded Erase algorithm are ignored.
The system can determine the status of the erase op-
eration by using DQ7, DQ6, or DQ2. See “Write
Operation Status” for information on these status bits.
When the Embedded Erase algorithm is complete, the
device returns to reading array data and addresses are
no longer latched.
Figure 2 illustrates the algorithm for the erase opera-
tion. See the Erase and Program Operations tables in
“AC Characteristics” for parameters, and to the Chip/
Sector Erase Operation Timings for timing waveforms.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector
erase command sequence is initiated by writing two un-
lock cycles, followed by a set-up command. Two
additional unlock write cycles are then followed by the
address of the sector to be erased, and the sector
erase command. The Command Definitions table
shows the address and data requirements for the sec-
tor erase command sequence.
The device does not require the system to preprogram
the memory prior to erase. The Embedded Erase algo-
rithm automatically programs and verifies the sector for
an all zero data pattern prior to electrical erase. The
system is not required to provide any controls or tim-
ings during these operations.
After the command sequence is written, a sector erase
time-out of 50 µs begins. During the time-out period,
additional sector addresses and sector erase com-
mands may be written. Loading the sector erase buffer
may be done in any sequence, and the number of sec-
tors may be from one sector to all sectors. The time
between these additional cycles must be less than 50
µs, otherwise the last address and command might not
be accepted, and erasure may begin. It is recom-
mended that processor interrupts be disabled during
this time to ensure all commands are accepted. The in-
terrupts can be re-enabled after the last Sector Erase
command is written. If the time between additional sec-
tor erase commands can be assumed to be less than
50 µs, the system need not monitor DQ3. Any com-
mand other than Sector Erase or Erase Suspend
during the time-out period resets the device to
reading array data. The system must rewrite the com-
mand sequence and any additional sector addresses
and commands.
The system can monitor DQ3 to determine if the sector
erase timer has timed out. (See the “DQ3: Sector Erase
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com