Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-70JD Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29F040B-70JD
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-70JD Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29F040B-70JD Datasheet HTML 28Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 29Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 30Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 31Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 32Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 33Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 34Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 35Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
November 1, 2006 21445E5
Am29F040B
33
D A TA
SH EE T
REVISION SUMMARY
Revision A (May 1997)
Initial release.
Revision B (January 1998)
Global
Formatted for consistency with other 5.0 volt-only data
sheets.
Revision B+1 (January 1998)
AC Characteristics, Erase and Program Operations
Added Note references to tWHWH1. Corrected the pa-
rameter symbol for VCC Set-up Time to tVCS; the
specification is 50 µs minimum. Deleted the last row in
table.
Revision B+2 (April 1998)
Distinctive Characteristics
Changed minimum 100K write/erase cycles guaran-
teed to 1,000,000.
Ordering Information
Added extended temperature availability to the -55 and
-70 speed options.
AC Characteristics
Erase and Program Operations; Erase and Program
Operations Alternate CE# Controlled Writes: Corrected
t he notes reference for t WHWH1 and tWHWH2.
These parameters are 100% tested. Corrected the note
reference for tVCS. This parameter is not 100% tested.
Erase and Programming Performance
Changed minimum 100K program and erase cycles
guaranteed to 1,000,000.
Revision C (January 1999)
Global
Updated for CS39S process technology.
Distinctive Characteristics
Added 20-year data retention bullet.
DC Characteristics—TTL/NMOS Compatible
VOH: Changed the parameter description to “Output
High Voltage” from Output High Level”.
DC Characteristics—TTL/NMOS Compatible and
CMOS Compatible
ICC1, ICC2, ICC3: Added Note 2 “Maximum ICC specifi-
cations are tested with VCC = VCCmax”.
ICC3: Deleted VCC = VCCMax.
Revision C+1 (February 1999)
Command Definitions
Command Definitions table: Deleted “XX” from the
fourth cycle data column of the Sector Protect Verify
command.
Revision C+2 (May 17, 1999)
Test Specifications Table
Corrected the input and output measurement entries in
the “All others” column.
Revision D (November 15, 1999)
AC Characteristics—Figure 9. Program Operations
Timing and Figure 10. Chip/Sector Erase
Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision E0 (November 29, 2000)
Added table of contents.
Ordering Information
Deleted burn-in option.
Revision E1 (October 4, 2004)
Added PB-Free option to Standard Ordering Matrix.
Updated Valid Combinations
Revision E2 (July 18, 2005)
Ordering Information
In valid combinations list, added the following: Pb-free
options JD, JF, JK to set of -55 and -70 speed options;
Pb-free options PD, PF, PK, JD, JF, JK to the set of -90,
-120, and -150 speed options.
Revision E3 (January 31, 2006)
Global
Removed 150 speed option from document.
Removed 32-pin Reverse TSOP diagrams and all ref-
erences from Ordering Information.
Revision E4 (May 18, 2006)
Added migration and obsolescence information.
Revision E5 (November 1, 2006)
Deleted migration and obsolescence text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com