Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-70JD Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F040B-70JD
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-70JD Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F040B-70JD Datasheet HTML 4Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 5Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 6Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 7Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 8Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 9Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 10Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 11Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
6
Am29F040B
21445E5 November 1, 2006
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to
confirm availability of specific valid combinations and to check on newly released combinations.
Am29F040B
-55
E
C
TEMPERATURE RANGE
C
=
Commercial (0
°C to +70°C)
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
D
=
Commercial (0
°C to +70°C) for Pb-free Package
F
=
Industrial (-40
°C to +85°C) for Pb-free Package
K
=
Extended (-55
°C to +125°C) for Pb-free Package
PACKAGE TYPE
P
=
32-Pin Plastic DIP (PD 032)
J
=
32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032)
E
=
32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29F040B
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory
5.0 V Read, Program, and Erase
Valid Combinations
VCC Voltage
AM29F040B-55
JC, JI, JE, JD, JF, JK
EC, ED, EI, EE, EF, EK
5.0 V
± 5%
AM29F040B-70
5.0 V
± 10%
AM29F040B-90
PC, PI, PE, PD, PF, PK,
JC, JI, JE, JD, JF, JK
EC, EI, EE, ED, EF, EK
AM29F040B-120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com