Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-70JD Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F040B-70JD
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-70JD Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F040B-70JD Datasheet HTML 1Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 2Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 3Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 4Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 5Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 6Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 7Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 8Page - Advanced Micro Devices AM29F040B-70JD Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
November 1, 2006 21445E5
Am29F040B
3
D A TA
SH EE T
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 6
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 7
Table 1. Am29F040B Device Bus Operations ...................................7
Requirements for Reading Array Data ..................................... 7
Writing Commands/Command Sequences .............................. 7
Program and Erase Operation Status ...................................... 7
Standby Mode .......................................................................... 7
Output Disable Mode................................................................ 8
Table 2. Sector Addresses Table ......................................................8
Autoselect Mode....................................................................... 9
Table 3. Am29F040B Autoselect Codes (High Voltage Method) .......9
Sector Protection/Unprotection................................................. 9
Hardware Data Protection ........................................................ 9
Low VCC Write Inhibit........................................................................ 9
Write Pulse “Glitch” Protection .......................................................... 9
Logical Inhibit .................................................................................... 9
Power-Up Write Inhibit ...................................................................... 9
Command Definitions . . . . . . . . . . . . . . . . . . . . . 10
Reading Array Data ................................................................ 10
Reset Command..................................................................... 10
Autoselect Command Sequence ............................................ 10
Byte Program Command Sequence....................................... 10
Figure 1. Program Operation ......................................................... 11
Chip Erase Command Sequence ........................................... 11
Sector Erase Command Sequence ........................................ 11
Erase Suspend/Erase Resume Commands........................... 12
Figure 2. Erase Operation.............................................................. 12
Command Definitions ............................................................. 13
Table 4. Am29F040B Command Definitions....................................13
Write Operation Status . . . . . . . . . . . . . . . . . . . . 14
DQ7: Data# Polling................................................................. 14
Figure 3. Data# Polling Algorithm .................................................. 14
DQ6: Toggle Bit I .................................................................... 15
DQ2: Toggle Bit II ................................................................... 15
Reading Toggle Bits DQ6/DQ2 .............................................. 15
DQ5: Exceeded Timing Limits ................................................ 15
DQ3: Sector Erase Timer ....................................................... 16
Figure 4. Toggle Bit Algorithm....................................................... 16
Table 5. Write Operation Status...................................................... 17
Absolute Maximum Ratings. . . . . . . . . . . . . . . . . 18
Figure 5. Maximum Negative Overshoot Waveform ..................... 18
Figure 6. Maximum Positive Overshoot Waveform....................... 18
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 18
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 19
TTL/NMOS Compatible .......................................................... 19
CMOS Compatible.................................................................. 19
Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 7. Test Setup..................................................................... 20
Table 6. Test Specifications ........................................................... 20
Key to Switching Waveforms. . . . . . . . . . . . . . . . 20
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 21
Read Only Operations ............................................................ 21
Figure 8. Read Operation Timings ................................................ 21
Erase and Program Operations .............................................. 22
Figure 9. Program Operation Timings........................................... 23
Figure 10. Chip/Sector Erase Operation Timings ......................... 23
Figure 11. Data# Polling Timings (During Embedded Algorithms) 24
Figure 12. Toggle Bit Timings (During Embedded Algorithms)..... 24
Figure 13. DQ2 vs. DQ6................................................................ 25
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 26
Erase and Program Operations .............................................. 26
Alternate CE# Controlled Writes .................................................... 26
Figure 14. Alternate CE# Controlled Write Operation Timings ..... 27
Erase and Programming Performance . . . . . . . . 28
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 28
TSOP Pin Capacitance . . . . . . . . . . . . . . . . . . . . 28
PLCC and PDIP Pin Capacitance. . . . . . . . . . . . . 29
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 30
PD 032—32-Pin Plastic DIP ................................................... 30
PL 032—32-Pin Plastic Leaded Chip Carrier ......................... 31
TS 032—32-Pin Standard Thin Small Package...................... 32
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com