Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2004WK Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2004WK
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004WK Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2004WK Datasheet HTML 1Page - Diodes Incorporated DMN2004WK Datasheet HTML 2Page - Diodes Incorporated DMN2004WK Datasheet HTML 3Page - Diodes Incorporated DMN2004WK Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30934 Rev. 2 - 2
1 of 4
DMN2004WK
www.diodes.com
ã Diodes Incorporated
DMN2004WK
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT
TRANSISTOR
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 1)
Steady
State
TA = 25
°C
TA = 85
°C
ID
540
390
mA
Pulsed Drain Current (Note 3)
IDM
1.5
A
Total Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
Note:
1. Device mounted on FR-4 PCB.
2. No purposefully added lead.
3. Pulse width
£10mS, Duty Cycle £1%.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Mechanical Data
A
M
J
L
E
D
B C
H
K
G
G
S
D
Source
EQUIVALENT CIRCUIT
Gate
Protection
Diode
Gate
Drain
·
Case: SOT-323
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Terminal Connections: See Diagram
·
Marking: See Last Page
·
Ordering & Date Code Information: See Last Page
·
Weight: 0.006 grams (approximate)
·
Low On-Resistance: RDS(ON)
·
Low Gate Threshold Voltage
·
Low Input Capacitance
·
Fast Switching Speed
·
Low Input/Output Leakage
·
Lead Free By Design/RoHS Compliant (Note 2)
·
ESD Protected up to 2KV
·
"Green" Device (Note 4)
·
Qualified to AEC-Q101 standards for High Reliability
Features
Maximum Ratings
@ TA = 25°C unless otherwise specified
ESD protected up to 2KV
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0
°
8
°
All Dimensions in mm
SPICE MODEL: DMN2004WK


Similar Part No. - DMN2004WK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2004WK DIODES-DMN2004WK Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS30934 Rev. 4 - 2
logo
TECH PUBLIC Electronics...
DMN2004WK TECHPUBLIC-DMN2004WK Datasheet
2Mb / 5P
N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2004WK-7 DIODES-DMN2004WK-7 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS30934 Rev. 4 - 2
DMN2004WKQ DIODES-DMN2004WKQ Datasheet
551Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN2004WK DIODES-DMN2004WK_09 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS30934 Rev. 4 - 2
More results

Similar Description - DMN2004WK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com