Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2004WK Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2004WK
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004WK Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2004WK Datasheet HTML 1Page - Diodes Incorporated DMN2004WK Datasheet HTML 2Page - Diodes Incorporated DMN2004WK Datasheet HTML 3Page - Diodes Incorporated DMN2004WK Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30934 Rev. 2 - 2
3 of 4
DMN2004WK
www.diodes.com
I , DRAIN CURRENT (A)
Fig. 5 Static Drain-Source On-Resistance
vs. Drain Current
D
0.1
1
V= 5V
Pulsed
GS
T = 150 C
A
°
T= -55 C
A
°
T= -25 C
A
°
T= 0 C
A
°
T= 25 C
A
°
T = 125 C
A
°
T= 85 C
A
°
0.2
0.4
0.6
0.8
1.0
6
0.2
0.1
0
0.6
0.5
0.4
0.3
0.7
1.0
0.9
0.8
0
V
, GATE-SOURCE
Fig. 6 Static Drain-Source, On-Resistance
vs. Gate-Source Voltage
GS
VOLTAGE (V)
4
2
T = 25°C
A
I = 540mA
D
I , DRAIN CURRENT (A)
Fig. 7
D
On-Resistance vs. Drain
Current and Gate Voltage
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.2
0.4
0.6
0.8
11.2
V= 1.8V
GS
V
= 4.5V
GS
V
= 2.5V
GS
T= 25°C
j
T , JUNCTION TEMPERATURE ( C)
Fig. 8
j
°
Static Drain-Source, On-Resistance
vs. Temperature
-50
-25
0
25
50
75
100
125 150
0
0.2
0.3
0.5
0.1
0.4
V
= 10V,
GS
I = 280mA
D
V= 4.5V,
GS
I = 540mA
D
V,
Fig. 9 Drain Source Leakage Current
vs. Voltage
DS DRAIN-SOURCE VOLTAGE (V)
0.1
1
10
100
1000
10000
2
4
6
8
10
12
14
16
18
20
T = 100°C
j
T = 150°C
j
0.001
0.01
0.1
0.5
0
1
1
V
,
SOURCE
Fig. 10 Reverse Drain Current
vs. Source-Drain Voltage
SD DRAIN-
VOLTAGE (V)
V= 0V
GS
T= -55 C
A
°
T= 150 C
A
°
T= -25 C
A
°
T= 0 C
A
°
T= 25 C
A
°
T= 85 C
A
°
T= 125 C
A
°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com