Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9271 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9271 Datasheet HTML 37Page - Analog Devices AD9271 Datasheet HTML 38Page - Analog Devices AD9271 Datasheet HTML 39Page - Analog Devices AD9271 Datasheet HTML 40Page - Analog Devices AD9271 Datasheet HTML 41Page - Analog Devices AD9271 Datasheet HTML 42Page - Analog Devices AD9271 Datasheet HTML 43Page - Analog Devices AD9271 Datasheet HTML 44Page - Analog Devices AD9271 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Preliminary Technical Data
AD9271
Rev. PrA | Page 41 of 58
Power and Ground Recommendations
When connecting power to the AD9271, it is recommended
that two separate 1.8 V supplies be used: one for analog (AVDD)
and one for digital (DRVDD). The AD9271 also requires a
3.3 V supply (CWVDD) as well for the crosspoint section. If
only one 1.8 V supply is available, it should be routed to the
AVDD first and then tapped off and isolated with a ferrite bead
or a filter choke preceded by decoupling capacitors for the
DRVDD. The user should employ several decoupling capacitors
on all supplies to cover both high and low frequencies. These
should be located close to the point of entry at the PC board
level and close to the parts with minimal trace lengths.
A single PC board ground plane should be sufficient when
using the AD9271. With proper decoupling and smart parti-
tioning of the PC board’s analog, digital, and clock sections,
optimum performance is easily achieved.
Exposed Paddle Thermal Heat Slug Recommendations
It is required that the exposed paddle on the underside of the
ADC is connected to analog ground (AGND) to achieve the
best electrical and thermal performance of the AD9271. An
exposed continuous copper plane on the PCB should mate to
the AD9271 exposed paddle, Pin 0. The copper plane should
have several vias to achieve the lowest possible resistive thermal
path for heat dissipation to flow through the bottom of the PCB.
These vias should be solder filled or plugged.
To maximize the coverage and adhesion between the ADC and
PCB, partition the continuous copper plane by overlaying a silk-
screen on the PCB into several uniform sections. This provides
several tie points between the two during the reflow process. Using
one continuous plane with no partitions only guarantees one tie
point between the AD9271 and PCB. See Figure 64 for a PCB
layout example. For more detailed information on packaging
and the PCB layout, see the AN-772 Application Note.
SILKSCREEN PARTITION
PIN 1 INDICATOR
Figure 64. Typical PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com