Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9271 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices AD9271 Datasheet HTML 25Page - Analog Devices AD9271 Datasheet HTML 26Page - Analog Devices AD9271 Datasheet HTML 27Page - Analog Devices AD9271 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 24 of 58
typical array sizes of 16 or 32 receiver channels phase-shifted
and summed together to extract coherent information. When
used in multiples, the desired signals from each of the channels
can be summed to yield a larger signal (increased by a factor N,
where N is the number of channels), and the noise is increased by
the square root of the number of channels. This technique
enhances the signal-to-noise performance of the machine. The
critical elements in a beam-former design are the means to
align the incoming signals in the time domain and the means to
sum the individual signals into a composite whole.
Beam forming, as applied to medical ultrasound, is defined as the
phase alignment and summation of signals that are generated
from a common source but received at different times by a
multielement ultrasound transducer. Beam forming has two
functions: It imparts directivity to the transducer, enhancing its
gain, and it defines a focal point within the body from which the
location of the returning echo is derived.
The AD9271 includes the front-end components needed to
implement analog beam forming for CW Doppler operation.
These components allow CW channels with similar phases to be
coherently combined before phase alignment and down mixing,
thus reducing the number of delay lines or adjustable phase
shifters/down mixers (AD8333 or AD8339) required. Next, if
delay lines are used, the phase alignment is performed and then
the channels are coherently summed and down converted by a
dynamic range I/Q demodulator. Alternatively, if phase shifters/
down mixers, such as the AD8333 and AD8339, are used, phase
alignment and down conversion are done before coherently
summing all channels into I/Q signals. In either case, the resultant I
and Q signals are filtered and sampled by two high resolution
ADCs, and the sampled signals are processed to extract the
relevant Doppler information.
AD9271
LNA
gm
gm
gm
gm
gm
gm
gm
gm
SWITCH
ARRAY
8 × AD9271
8 × CHANNEL
16-BIT
ADC
OPA
Q
I
LNA
LNA
LNA
AD9271
LNA
SWITCH
ARRAY
8 × CHANNEL
LNA
LNA
LNA
3 × AD8333
2.5V
AD8333
2.5V
2.5V
2.5V
AD8333
16-BIT
ADC
OPA
600nH
600nH
600nH
600nH
600nH
700Ω
700Ω
700Ω
700Ω
600nH
600nH
600nH
Figure 40. Typical CW Doppler System Using the AD9271 and AD8339



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com