Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9271 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices AD9271 Datasheet HTML 25Page - Analog Devices AD9271 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 22 of 58
Because the amplifier has a gain of 6× from its input to its
differential output, it is important to note that the gain A/2 is
the gain from Pin LI-x to Pin LO-x, and is 6 dB less than the
gain of the amplifier, or 9.6 dB (3×). The input resistance is
reduced by an internal bias resistor of 15 kΩ in parallel with the
source resistance connected to Pin LI-x, with Pin LG-x ac
grounded. Equation 3 can be used to calculate the needed RFB
for a desired RIN, even for higher values of RIN.
Ω
+
=
k
15
||
)
3
1
(
FB
IN
R
R
(3)
For example, to set RIN to 200 Ω, the value of RFB is 845 Ω. If the
simplified equation, Equation 2, is used to calculate RIN, the
resulting value is 190 Ω, resulting in a less than 0.1 dB gain
error. Factors such as a dynamic source resistance might
influence the absolute gain accuracy more significantly. At
higher frequencies, the input capacitance of the LNA needs to
be considered. The user must determine the level of matching
accuracy and adjust RFB accordingly.
The bandwidth (BW) of the LNA is about 70 MHz. Ultimately
the BW of the LNA limits the accuracy of the synthesized RIN.
For RIN = RS up to about 200 Ω, the best match is between
100 kHz and 10 MHz, where the lower frequency limit is
determined by the size of the ac-coupling capacitors, and the
upper limit, by the LNA BW. Furthermore, the input
capacitance and RS limit the BW at higher frequencies.
FREQUENCY (Hz)
100
1k
10
1M
100k
50M
10M
R
IN = 50Ω, RFB = 249Ω
R
SH = ∞, CSH = 0 pF
R
SH = 50Ω, CSH = 22 pF
R
IN = 100Ω, RFB = 499Ω
R
IN = 200Ω, RFB = 1kΩ
R
SH = ∞, CSH = 0 pF
R
SH = 50Ω, CSH = 22 pF
R
IN = 500Ω, RFB = 2.5kΩ
Figure 35. RIN vs. Frequency for Various Values of RFB
(Effects of RSH and CSH are Also Shown
Figure 35 shows RIN vs. frequency for various values of RFB. Note
that at the lowest value, 50 Ω, RIN peaks at frequencies greater
than 10 MHz. This is due to the BW roll-off of the LNA as
mentioned earlier.
However, as can be seen for larger RIN values, parasitic capacitance
starts rolling off the signal BW before the LNA can produce
peaking. CSH further degrades the match; therefore, CSH should
not be used for values of RIN that are greater than 100 Ω. Table 7
lists the recommended values for RFB and CSH in terms of RIN.
CFB is needed in series with RFB because the dc levels at Pin LO-x
and Pin LI-x are unequal.
Table 7. Active Termination External Component Values
LNA Gain
RIN (Ω)
RFB (Ω)
Minimum
CSH (pF)
BW (MHz)
5×
50
175
90
49
6×
50
200
70
59
8×
50
250
50
73
5×
100
350
30
49
6×
100
400
20
59
8×
100
500
10
73
5×
200
700
na
49
6×
200
800
na
49
8×
200
1000
na
49
LNA Noise
The short-circuit noise voltage (input-referred noise) is an
important limit on system performance. The short-circuit noise
voltage for the LNA is 1.2 nV/√Hz or 1.4 nV/√Hz (at maximum
gain), including the VGA noise. These measurements, which
are taken without a feedback resistor, provide the basis for
calculating the input noise and noise figure performance of the
configurations shown in Figure 43. Figure 43 and Figure 44 are
simulations of noise figure vs. RS results using these
configurations and an input-referred noise voltage for the VGA
of 4 nV/√Hz. Unterminated (RFB = ∞) operation exhibits the
lowest equivalent input noise and noise figure. Figure 44 shows
the noise figure vs. source resistance rising at low RS—where the
LNA voltage noise is large compared with the source noise—
and at high RS due to current noise.
VOUT
UNTERMINATED
+
–
VIN
RIN
RS
VOUT
RESISTIVE TERMINATION
+
–
VIN
RIN
RS
RS
VOUT
ACTIVE IMPEDANCE MATCH
+
–
VIN
RIN
RFB
RFB
1 + A/2
RS
RIN =
Figure 36. Input Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com