Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112A Datasheet(PDF) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112A
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112A Datasheet(HTML) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112A Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Figure 5. Two-wire Write Command Timing Diagram
Serial Bus Address
To communicate with the TMP112A, the master must first address slave devices through an address byte.
The address byte has seven address bits and a read-write (R/W) bit that indicates the intent of executing a
read or write operation. The TMP112A features an address pin to allow up to four devices to be addressed on a
single bus. Table 5 shows the connection mode of the ADD0 pins corresponding to each slave address.
Table 5. Address Pin and Slave Addresses
DEVICE TWO-WIRE ADDRESS
ADD0 PIN CONNECTION
1001000
GND
1001001
V+
1001010
SDA
1001011
SCL
6.2.3 Writing and Reading Operation
SCL
SDA
START by
Master
1
0
0
1
0
A1
A0
R/W
0
0
0
0
0
0
P1
P0
Frame 1 Two-Wire Slave Address Byte
Frame 2 Pointer Register Byte
1
9
1
9
SCL
(Continued)
D7
D6
D5
D4
D3
D2
D1
D7
D6
D5
D4
Frame 3 Data-Byte 1
Frame 4 Data-Byte 2
1
9
1
9
SDA
(Continued)
D0
D3
D2
D1
D0
STOP by
Master
SCL
SDA
START by
Master
1
0
0
1
0
A1
A0
R/W
0
0
0
0
0
0
P1
P0
Frame 1 Two-Wire Slave Address Byte
Frame 2 Pointer Register Byte
1
9
1
9
STOP By
Master
SCL
(Continued)
D7
D6
D5
D4
ACK by
Master
Frame 4 Data-Byte 1 Read Register
1
9
SDA
(Continued)
D3
D2
D1
D0
START by
Master
1
0
0
1
0
A1
A0
R/W
1
9
Frame 3 Two-Wire Slave Address Byte
www.umw-ic.com
9
友台半导体有限公司
ACK by
ACK by
ACK by
ACK by
ACK by
ACK by
From
ACK by
UMW
R
TMP112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com