Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112A Datasheet(PDF) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112A
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112A Datasheet(HTML) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112A Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Figure 6. Two-wire Read Command Timing Diagram
When writing data to the TMP112A , after the slave address byte is sent, accessing a particular
register on the TMP112A is accomplished by writing the appropriate value to the pointer register. Every write
operation to the TMP112A requires a value for the pointer register.
When reading from the TMP112A
device, after the slave address byte is sent, the corresponding
pointer register byte also needs to be sent. Unlike the write operation, if the user need to repeatedly read data from
the same register, it is not required to send the pointer register byte separately each time, the last value stored in
the pointer register will be read by the device automatically; to change the register pointer for a read operation, a
new value must be written to the pointer register. The action is accomplished by issuing a slave-address byte
with the R/W bit low, followed by the pointer register byte. The master can then generate a START condition and
send the slave address byte with the R/W bit high to initiate the read command.
Register bytes are sent with the MSB first, followed by the LSB. Figure 5 and Figure 6 show schematic diagrams
of the above read and write operations.
SMBus Alert Function
The TMP112A supports the SMBus alert function. When the TMP112A operates in interrupt mode (TM=1), the mas-
ter can send out and SMBus ALERT command (19h) to the bus. If the ALERT pin is active, the device acknowled-
ges the SMBus ALERT command and responds by returning the slave address. The eighth bit (LSB) of the slave add-
ress byte indicates if the alert condition is caused by the temperature exceeding THIGH or falling below TLOW. This
bit is equal to POL if the temperature is greater than or equal to THIGH; this bit is equal to POL if the temperature is
less than TLOW.
If multiple devices on the bus respond to the SMBus ALERT command, the bus will return the lowest two-wire
address. The TMP112A ALERT pin becomes inactive at the completion of the SMBus ALERT command; the
ALERT pin of the TMP112A that does not return an address will remain active. Sending the SMBus ALERT com-
mand again can continue to clear the ALERT pin of the TMP112A with the current lowest address. The
above process is detailed in Figure 7.
D7
D6
D5
D4
ACK by
Master
Frame 5 Data-Byte 2 Read Register
1
9
D3
D2
D1
D0
STOP By
Master
SCL
(Continued)
SDA
(Continued)
www.umw-ic.com
10
友台半导体有限公司
From
UMW
R
TMP112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com