Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB3300_06 Datasheet HTML 19Page - SMSC Corporation USB3300_06 Datasheet HTML 20Page - SMSC Corporation USB3300_06 Datasheet HTML 21Page - SMSC Corporation USB3300_06 Datasheet HTML 22Page - SMSC Corporation USB3300_06 Datasheet HTML 23Page - SMSC Corporation USB3300_06 Datasheet HTML 24Page - SMSC Corporation USB3300_06 Datasheet HTML 25Page - SMSC Corporation USB3300_06 Datasheet HTML 26Page - SMSC Corporation USB3300_06 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
23
Revision 1.06 (07-19-06)
DATASHEET
6.1.4.1
Vendor ID Low: Address = 00h (read only)
6.1.4.2
Vendor ID High: Address = 01h (read only)
Table 6.3 ULPI Register Map
REGISTER NAME
DEFAULT
STATE
ADDRESS (6BIT)
READ
WRITE
SET
CLEAR
Vendor ID Low
24h
00h
-
-
-
Vendor ID High
04h
01h
-
-
-
Product ID Low
04h
02h
-
-
-
Product ID High
00h
03h
-
-
-
Function Control
41h
04-06h
04h
05h
06h
Interface Control
00h
07-09h
07h
08h
09h
OTG Control
06h
0A-0Ch
0Ah
0Bh
0Ch
USB Interrupt Enable Rising
1Fh
0D-0Fh
0Dh
0Eh
0Fh
USB Interrupt Enable Falling
1Fh
10-12h
10h
11h
12h
USB Interrupt Status
00h
13h
-
-
-
USB Interrupt Latch
00h
14h
-
-
-
Debug
00h
15h
-
-
-
Scratch Register
00h
16-18h
16h
17h
18h
FIELD NAME
BIT
DEFAULT
DESCRIPTION
Vendor ID Low
7:0
24h
SMSC Vendor ID
FIELD NAME
BIT
DEFAULT
DESCRIPTION
Vendor ID High
7:0
04h
SMSC Vendor ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com