Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB3300_06 Datasheet HTML 31Page - SMSC Corporation USB3300_06 Datasheet HTML 32Page - SMSC Corporation USB3300_06 Datasheet HTML 33Page - SMSC Corporation USB3300_06 Datasheet HTML 34Page - SMSC Corporation USB3300_06 Datasheet HTML 35Page - SMSC Corporation USB3300_06 Datasheet HTML 36Page - SMSC Corporation USB3300_06 Datasheet HTML 37Page - SMSC Corporation USB3300_06 Datasheet HTML 38Page - SMSC Corporation USB3300_06 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
35
Revision 1.06 (07-19-06)
DATASHEET
While in Low Power Mode, the Data interface is redefined so that the Link can monitor Linestate and
the Vbus voltage. In Low Power Mode DATA[3:0] are redefined as shown in Table 6.6. Linestate[1:0]
is the combinational output of the full speed receivers. The “int” or interrupt signal indicates an
unmasked interrupt has occurred. When an unmasked interrupt or linestate change has occurred, the
Link is notified and can determine if it should wake-up the PHY.
An unmasked interrupt can be caused by the following comparators changing state, VbusVld, SessVld,
SessEnd, and IdGnd. If any of these signals change state during Low Power Mode and either their
rising or falling edge interrupt is enabled, DATA[3] will assert. During Low Power Mode, the VbusVld
and SessEnd comparators can have their interrupts masked to lower the suspend current. Refer to
Section 6.1.9.4.
While in Low Power Mode, the Data bus is driven asynchronously because all of the PHY clocks are
stopped during Low Power Mode.
6.1.9.2
Exiting Low Power Mode
To exit Low Power Mode, the Link will assert STP. Upon the assertion of STP, the USB3300 will begin
its start-up procedure. After the PHY start-up is complete, the PHY will start the clock on CLKOUT and
de-assert DIR. Once DIR has been de-asserted, the Link can de-assert STP when ready and start
Figure 6.8 Entering Low Power Mode
Table 6.6 Interface Signal Mapping During Low Power Mode
SIGNAL
MAPS TO
DIRECTION
DESCRIPTION
linestate[0]
DATA[0]
OUT
Combinatorial linestate[0] driven directly by FS analog receiver.
linestate[1]
DATA[1]
OUT
Combinatorial linestate[1] driven directly by FS analog receiver.
reserved
DATA[2]
OUT
Driven Low
int
DATA[3]
OUT
Active high interrupt indication. Must be asserted whenever any
unmasked interrupt occurs.
reserved
DATA[7:4]
OUT
Driven Low
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
(reg write)
Idle
Reg Data[n]
Idle
T0
T1
T2
T3
T5
T4
T6
T10
Turn
Around
Low Power Mode
SUSPENDM
(ULPI Register Bit)
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com