Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 36 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button USB3300_06 Datasheet HTML 32Page - SMSC Corporation USB3300_06 Datasheet HTML 33Page - SMSC Corporation USB3300_06 Datasheet HTML 34Page - SMSC Corporation USB3300_06 Datasheet HTML 35Page - SMSC Corporation USB3300_06 Datasheet HTML 36Page - SMSC Corporation USB3300_06 Datasheet HTML 37Page - SMSC Corporation USB3300_06 Datasheet HTML 38Page - SMSC Corporation USB3300_06 Datasheet HTML 39Page - SMSC Corporation USB3300_06 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.06 (07-19-06)
36
SMSC USB3300
DATASHEET
operating in Synchronous Mode. The PHY will automatically set the SuspendM bit to a 1 in the
Function Control register.
The time from T0 to T1 is given in Table 5.2 on page 15.
Should the Link de-assert STP before DIR is de-asserted, the USB3300 will detect this as a false
resume request and return to Low Power Mode. This is detailed in section 3.9.4 of the ULPI 1.1
specification.
6.1.9.3
Interface Protection
ULPI protocol assumes that both the Link and PHY will keep the ULPI data bus driven by either the
Link when DIR is low or the PHY when DIR is high. The only exception is when DIR has changed
state and a turn around cycle occurs for 1 clock period.
In the design of a USB system, there can be cases where the Link may not be driving the ULPI bus
to a known state while DIR is low. Two examples where this can happen is because of a slow Link
start-up or a hardware reset.
START UP PROTECTION
Upon start-up, when the PHY de-asserts DIR, the Link must be ready to receive commands and drive
Idle on the data bus. If the Link is not ready to receive commands or drive Idle, it must assert STP
before DIR is de-asserted. The Link can then de-assert STP when it has completed its start-up. If the
Link doesn’t assert STP before it can receive commands, the PHY may interpret the databus state as
a TX CMD and transmit invalid data onto the USB bus, or make invalid register writes.
A Link should be designed to have the default POR state of the STP output high and the data bus tri-
stated. The USB3300 has weak pull-downs on the DATA bus to prevent these inputs from floating
when not driven.
In some cases, a Link may be software configured and not have control of its STP pin until after the
PHY has started. In this case, the USB3300 has an internal pull-up on the STP input pad which will
pull STP high while the Link’s STP output is tri-stated. The STP pull-up resistor is enabled on POR
and can be disabled by setting the InterfaceProtectDisable bit 7 of the Interface Control register.
The STP pull-up resistor will pull-up the Link’s STP input high until the Link configures and drives STP
high. Once the Link completes its start-up, STP can be synchronously driven low.
Figure 6.9 Exiting Low Power Mode
DIR
CLK
DATA[7:0]
STP
NXT
TURN
AROUND
LOW
POWER MODE
DATA BUS IGNORED (SLOWLINK)
IDLE (FAST LINK)
IDLE
T0
T1
T2
T3
T5
T4
Slow Link Drives Bus
Idle and STP low
Fast Link Drives Bus
Idle and STP low
...
Note: Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com