Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE566 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE566
Description  Function generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE566 Datasheet(HTML) 1 Page - NXP Semiconductors

  NE566 Datasheet HTML 1Page - NXP Semiconductors NE566 Datasheet HTML 2Page - NXP Semiconductors NE566 Datasheet HTML 3Page - NXP Semiconductors NE566 Datasheet HTML 4Page - NXP Semiconductors NE566 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE566
Function generator
398
April 15, 1992
853-0910 06454
DESCRIPTION
The NE/SE566 Function Generator is a voltage-controlled oscillator
of exceptional linearity with buffered square wave and triangle wave
outputs. The frequency of oscillation is determined by an external
resistor and capacitor and the voltage applied to the control terminal.
The oscillator can be programmed over a ten-to-one frequency
range by proper selection of an external resistance and modulated
over a ten-to-one range by the control voltage, with exceptional
linearity.
FEATURES
• Wide range of operating voltage (up to 24V; single or dual)
• High linearity of modulation
• Highly stable center frequency (200ppm/°C typical)
• Highly linear triangle wave output
• Frequency programming by means of a resistor or capacitor,
voltage or current
• Frequency adjustable over 10-to-1 range with same capacitor
PIN CONFIGURATIONS
D, N Packages
1
2
3
4
5
6
7
8
GROUND
NC
SQUARE WAVE OUTPUT
TRIANGLE WAVE OUTPUT
V+
MODULATION INPUT
C1
R1
TOP VIEW
APPLICATIONS
• Tone generators
• Frequency shift keying
• FM modulators
• Clock generators
• Signal generators
• Function generators
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (SO) Package
0 to +70
°C
NE566D
0174C
14-Pin Ceramic Dual In-Line Package (CERDIP)
0 to +70
°C
NE566F
0581B
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE566N
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
SE566N
0404B
BLOCK DIAGRAM
VC
MODULATION
INPUT
R1
V+
6
8
5
7
C1
SCHMITT
TRIGGER
BUFFER
AMPLIFIER
BUFFER
AMPLIFIER
3
4
CURRENT
SOURCES


Similar Part No. - NE566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
System reset with built-in Watchdog timer
2003 Oct 15
NE56604-42D PHILIPS-NE56604-42D Datasheet
174Kb / 17P
System reset with built-in Watchdog timer
2003 Oct 15
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
System reset with built-in watchdog timer
2001 Aug 22
NE56605-42D PHILIPS-NE56605-42D Datasheet
176Kb / 16P
System reset with built-in watchdog timer
2001 Aug 22
NE56610 PHILIPS-NE56610 Datasheet
124Kb / 9P
Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems
February 23, 2001
More results

Similar Description - NE566

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2206 EXAR-XR-2206 Datasheet
191Kb / 16P
Monolithic Function Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
logo
Exar Corporation
XR-2206 EXAR-XR-2206_08 Datasheet
153Kb / 16P
Monolithic Function Generator
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
Arbitrary/Function Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
Arbitrary Function Generator
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
4010A ETC2-4010A Datasheet
697Kb / 1P
2 MHz Function Generator
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
Arbitrary/Function Generator
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
ARBITRARY FUNCTION GENERATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com