Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE566 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE566
Description  Function generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE566 Datasheet(HTML) 3 Page - NXP Semiconductors

  NE566 Datasheet HTML 1Page - NXP Semiconductors NE566 Datasheet HTML 2Page - NXP Semiconductors NE566 Datasheet HTML 3Page - NXP Semiconductors NE566 Datasheet HTML 4Page - NXP Semiconductors NE566 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE566
Function generator
April 15, 1992
400
DC ELECTRICAL CHARACTERISTICS
TA=25°C, VCC=±6V, unless otherwise specified.
SYMBOL
PARAMETER
SE566
NE566
UNIT
SYMBOL
PARAMETER
Min
Typ
Max
Min
Typ
Max
UNIT
General
TA
Operating ambient temperature range
-55
125
0
70
°C
VCC
Operating supply voltage
±6
±12
±6
±12
V
ICC
Operating supply current
7
12.5
7
12.5
mA
VCO1
fMAX
Maximum operating frequency
1
1
MHz
Frequency drift with temperature
500
600
ppm/
°C
Frequency drift with supply voltage
0.1
1
0.2
2
%/V
Control terminal input impedance2
1
1
M
Ω
FM distortion (
±10% deviation)
0.2
0.75
0.4
1.5
%
Maximum sweep rate
1
1
MHz
Sweep range
10:1
10:1
Output
Triangle wave output
impedance
50
50
Ω
voltage
1.9
2.4
1.9
2.4
VP-P
linearity
0.2
0.5
%
Square wave input
impedance
50
50
Ω
voltage
5
5.4
5
5.4
VP-P
duty Cycle
45
50
55
40
50
60
%
tR
Rise time
20
20
ns
tF
Fall Time
50
50
ns
NOTES:
1. The external resistance for frequency adjustment (R1) must have a value between 2kΩ and 20kΩ.
2. The bias voltage (VC) applied to the control terminal (Pin 5) should be in the range V+≤VC≤V+.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com