Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE566 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE566
Description  Function generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE566 Datasheet(HTML) 4 Page - NXP Semiconductors

  NE566 Datasheet HTML 1Page - NXP Semiconductors NE566 Datasheet HTML 2Page - NXP Semiconductors NE566 Datasheet HTML 3Page - NXP Semiconductors NE566 Datasheet HTML 4Page - NXP Semiconductors NE566 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE566
Function generator
April 15, 1992
401
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized Frequency as a
Function of Control Voltage
Normalized Frequency as a
Function of Resistance (R1)
Change in Frequency as a
Function of Temperature
Power Supply Current as a
Function of Supply Voltage
Frequency as a Function
of Capacitance (C1)
VCO Output Waveforms
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
CONTROL VOLTAGE
(BETWEEN PIN 8 AND PIN 5) — VOLTS
V+ = 12 VOLTS
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
V+ = 12 VOLTS
VC = 10 VOLTS
NORMALIZED FREQUENCY
+2.5
+2.0
+1.5
+1.0
+0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–75 –50 –25
0
+25 +50 +75 +100 +125
TEMPERATURE — (oC)
V+ = 12 VOLTS
VC = 10 VOLTS
TYPICAL
20.0
17.5
15.0
12.5
10.0
7.5
5
10
13
16
19
22
25
SUPPLY VOLTAGE — V
Rt = 4kΩ
MAXIMUM
TYPICAL
V+ = 12 VOLTS
VC = 10 VOLTS
R1 = 4k
10
1.0
0.1
0.01
0.001
0.0001
1
10
102
103
104
105
106
FREQUENCY — Hz
6
5
4
12
10
8
6
4
V+ = 12 VOLTS
OPERATING INSTRUCTIONS
The NE/SE566 Function Generator is a general purpose
voltage-controlled oscillator designed for highly linear frequency
modulation. The circuit provides simultaneous square wave and
triangle wave outputs at frequencies up to 1MHz. A typical
connection diagram is shown in Figure 1. The control terminal (Pin
5) must be biased externally with a voltage (VC) in the range
V+
≤VC≤V+
where VCC is the total supply voltage. In Figure 1, the control
voltage is set by the voltage divider formed with R2 and R3. The
modulating signal is then AC coupled with the capacitor C2. The
modulating signal can be direct coupled as well, if the appropriate
DC bias voltage is applied to the control terminal. The frequency is
given approximately by
f
O +
2 [(V
)) * (V
C)]
R
1 C1 V )
and R1 should be in the range 2kΩ< R1<20kΩ.
A small capacitor (typically 0.001
µF) should be connected between
Pins 5 and 6 to eliminate possible oscillation in the control current
source.
If the VCO is to be used to drive standard logic circuitry, it may be
desirable to use a dual supply as shown in Figure 2. In this case the
square wave output has the proper DC levels for logic circuitry. RTL
can be driven directly from Pin 3. For DTL or TTL gates, which
require a current sink of more than 1mA, it is usually necessary to
connect a 5k
Ω resistor between Pin 3 and negative supply. This
increases the current sinking capability to 2mA. The third type of



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com