Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMA080505F2M50MZ Datasheet(PDF) 5 Page - RFE international

Part # LRMA080505F2M50MZ
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080505F2M50MZ Datasheet(HTML) 5 Page - RFE international

  LRMA080505F2M50MZ Datasheet HTML 1Page - RFE international LRMA080505F2M50MZ Datasheet HTML 2Page - RFE international LRMA080505F2M50MZ Datasheet HTML 3Page - RFE international LRMA080505F2M50MZ Datasheet HTML 4Page - RFE international LRMA080505F2M50MZ Datasheet HTML 5Page - RFE international LRMA080505F2M50MZ Datasheet HTML 6Page - RFE international LRMA080505F2M50MZ Datasheet HTML 7Page - RFE international LRMA080505F2M50MZ Datasheet HTML 8Page - RFE international LRMA080505F2M50MZ Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
The following equation may be used to determine the DC (Direct Current) or AC (Alternating Current)
(RMS, root mean square value) of normal rated power. However, if the result value exceeds the
highest current of regulated standards (paragraph 5), the highest normal rated power is to be used.
RoHS
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
POWER DERATING CURVE
The Operating Temperature Range : -55ºC ~ +170ºC
For resistors operated in ambient temperature above 70ºC, power rating must be derating in
accordance with the curve below.
RATING CURRENT
I =
P/R
I = Rating Current (A)
P = Rating Power (W)
R = Resistance (Ω)
MARKING FORMAT
• All the other products marking are 4 digits
• “R” designates the decimal location in ohms
e.g. 1mΩ=R001, 25mΩ=R025, 100mΩ=R100
• “m” designates the decimal location in milli-ohms
e.g. 0.25mΩ=0m25, 0.5mΩ=0m50, 25.5mΩ=25m5
• 0Ω marking as 0R
Page 5 of 9
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Ambient Temperature (ºC)
2022.03.23



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com