Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMA080505F2M50MZ Datasheet(PDF) 8 Page - RFE international

Part # LRMA080505F2M50MZ
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080505F2M50MZ Datasheet(HTML) 8 Page - RFE international

  LRMA080505F2M50MZ Datasheet HTML 1Page - RFE international LRMA080505F2M50MZ Datasheet HTML 2Page - RFE international LRMA080505F2M50MZ Datasheet HTML 3Page - RFE international LRMA080505F2M50MZ Datasheet HTML 4Page - RFE international LRMA080505F2M50MZ Datasheet HTML 5Page - RFE international LRMA080505F2M50MZ Datasheet HTML 6Page - RFE international LRMA080505F2M50MZ Datasheet HTML 7Page - RFE international LRMA080505F2M50MZ Datasheet HTML 8Page - RFE international LRMA080505F2M50MZ Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RoHS
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
Page 8 of 9
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RECOMMEND LAND PATTERN DESIGN : Dimension (unit: mm)
b
a
a
w
2022.03.23
Plating Thickness :
Ni : ≥ 2µm
Sn(Tin) : ≥ 3µm
STORAGE TEMPERATURE
Temperature: 25ºC ± 5ºC
Humidity: 60 ± 20%
PACKAGE QUANTITY
Size
PCS / REEL
0805
5000
1206
5000
1206 R001
4000
2512
4000
2725
2000
2728
2000
4527
1000
Size
Code
Rating
Power
Resistance
Range (mΩ)
a
b
w
0.5
1.35
1.80
0.30
0 / 1~13
1.00
1.80
1.00
Jumper : 0.2mΩ
1.00
1.90
1.40
1 ~ 100
1.60
2.18
0.66
Jumper : 0.2mΩ
2.11
3.18
0.5 ~ 1.5
3.05
1.27
2 ~ 3.5
2.11
3.18
3.6 ~ 500
1.90
3.58
0.25 ~ 0.5
3.18
1.32
1 ~ 3
2.34
3.00
2728
4W
4 ~ 450
2.75
7.82
3.51
0.5 ~ 3
4.50
4.50
3.5 ~ 100
3.40
6.43
101 ~ 500
2.93
7.63
0.5W
1W
0805
0.75W
1W
1206
3.68
8.47
1W
2W
3W
2512
4W
2725
4527
2W
3W
5W
6.86



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com