Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMA080505F2M50MZ Datasheet(PDF) 6 Page - RFE international

Part # LRMA080505F2M50MZ
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080505F2M50MZ Datasheet(HTML) 6 Page - RFE international

  LRMA080505F2M50MZ Datasheet HTML 1Page - RFE international LRMA080505F2M50MZ Datasheet HTML 2Page - RFE international LRMA080505F2M50MZ Datasheet HTML 3Page - RFE international LRMA080505F2M50MZ Datasheet HTML 4Page - RFE international LRMA080505F2M50MZ Datasheet HTML 5Page - RFE international LRMA080505F2M50MZ Datasheet HTML 6Page - RFE international LRMA080505F2M50MZ Datasheet HTML 7Page - RFE international LRMA080505F2M50MZ Datasheet HTML 8Page - RFE international LRMA080505F2M50MZ Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RoHS
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
Page 6 of 9
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
TEST PROCEDURES : except Jumper
2022.03.23
Test Item
Test Method
Procedure
Requirement
Temperature Coefficient
of Resistance (T.C.R)
JIS-C-5201-1 4.8
IEC-60115-1 4.8
At 25°C / +150°C, 25°C is the reference
temperature
As Spec.
Short Time Overload
JIS-C-5201-1 4.13
IEC-60115-1 4.13
The number of rated power as follows:
(for 5 seconds)
• 0805 - 0.5W : 5 times
• 0805 - 1W : 4 times
• 1206 - 0.5W to 1.5W : 5 times
• 2512 - 1W to 3W : 5 times
• 2725 - 4W : 4 times
• 2728 - 4W : 4 times
• 4527 - 2W & 3W : 5 times
• 4527 - 5W : 3 times
• Size 0805 : ∆R/R1 ≤ ±1.0%
• Size 4527 : ∆R/R1 ≤ ±2.0%
• The others : ∆R/R1 ≤ ±0.5%
MIL-STD-202
Method 108
Size 0805 : 1000 hours @ 170°C,
Unpowered, measured at 24±4 hours
after test conclusion
• Size 0805 : ∆R/R1 ≤ ±1.0%
JIS-C-5201-1 4.25
IEC-60068-2-2
Other sizes : 1000 hours @ 170°C
• Size 4527 : ∆R/R1 ≤ ±2.0%
• The others : ∆R/R1 ≤ ±1.0%
Resistance to
Soldering Heat
JIS-C-5201-1 4.18
IEC-60115-1 4.18
260 ± 5°C for 10 seconds
∆R/R1 ≤ ±0.5%
Temperature
Cycling
JESD22 Method
JA-104
1000 Cycles (-55°C to 155°C),
Measured at 24±4 hours after test conclusion.
30 minutes maximum dwell time at each
temperature extreme
∆R/R1 ≤ ±0.5%
Biased Humidity
MIL-STD-202
Method 103
1000 hours, 85°C / 85% RH, 10% of operating
power. Measurement at 24±4 hours after test
conclusion
∆R/R1 ≤ ±0.5%
Load Life
(Endurance)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
70±2°C, RCWV or Max. working voltage
whichever is less for 1000 hours with 1.5hrs
"ON" and 0.5hr "OFF"
• Size 0805 : ∆R/R1 ≤ ±1.0%
• Size 4527 : ∆R/R1 ≤ ±2.0%
• The others : ∆R/R1 ≤ ±1.0%
J-STD-002
Size 0805 :
1) 4 hours 155°C dry heat
2) 245 ± 5°C
3 seconds
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245 ± 5°C
3 seconds
Dielectric Withstanding
Voltage
JIS-C-5201-1 4.7
Applied 500VAC for 1 minute, and limit surge
current 50mA (max.)
No short or burned on the
appearance
Board Flex
(Bending Strength)
AEC Q200-005
JIS-C-5201-1 4.33
IEC-60115-1 4.33
Size 0805 : bend once 2mm for 60 seconds
Other size : bend once 2mm for 10 seconds
∆R/R1 ≤ ±0.5%
no broken
Terminal Strength
(SMD)
AEC Q200-006
Pressurizing force 17.7N for 60 seconds
∆R/R1 ≤ ±0.5%
no broken
Moisture Resistance
MIL-STD-202
Method 106
24 hours / Cycle, 10 cycles.
Steps 7a & 7b not required.
Unpowered. (Figure 1)
• Size 0805 : ∆R/R1 ≤ ±1.0%
• The others : ∆R/R1 ≤ ±0.5%
High Temperature
Exposure (Storage)
Solderability
> 95% Coverage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com