Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP2004 Datasheet(PDF) 8 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
5.6 High Speed Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver
RLRX-DIFF
Input differential return loss
3 GHz
-19
dB
4 GHz
-18
dB
5 GHz
-18
dB
6 GHz
-17
dB
10 GHz
-15
dB
XTRX
Receiver-side pair-to-pair isolation;
Port A or Port B
Minimum over 10 MHz to 10 GHz
range
-60
dB
Transmitter
RLTX-DIFF
Output differential return loss
3 GHz
-19
dB
RLTX-DIFF
Output differential return loss
4.0 GHz
-18
dB
RLTX-DIFF
Output differential return loss
5.0 GHz
-18
dB
RLTX-DIFF
Output differential return loss
6.0 GHz
-17
dB
RLTX-DIFF
Output differential return loss
10 GHz
-16
dB
XTTX
Transmit-side pair-to-pair isolation
Minimum over 10 MHz to 10 GHz
range
-60
dB
Device Datapath
TPLHD/PHLD
Input-to-output latency (propagation
delay) through a data channel
For either low-to-high or high-to-low
transition.
100
130
ps
LTX-SKEW
Lane-to-lane output skew
Between any two lanes within a single
transmitter.
20
ps
TRJ-DATA
Additive random jitter with data
Jitter through redriver minus the
calibration trace. 20Gbps PRBS15.
800 mVpp-diff input swing
70
fs
XT
Channel to channel xtalk (between
adjacent active channels, FEXT
Minimum over 10 MHz to 10 GHz
range, normalized to EQ gain of 0dB
-43
dB
FLAT-GAIN
Broadband DC and AC flat gain - input
to output, measured at DC
Minimum EQ, GAIN = L0
-5.6
dB
Minimum EQ, GAIN = L1
-3.8
dB
Minimum EQ, GAIN = L2
-1.2
dB
Minimum EQ, GAIN = L3
2.6
dB
Minimum EQ, GAIN = L4 (Float)
0.6
dB
EQ-MAX10G
EQ boost at max setting (EQ INDEX =
19)
AC gain at 10 GHz relative to gain at
100 MHz.
19
dB
LINEARITY-
DC
Output DC linearity
at GAIN = L4
1750
mVpp
LINEARITY-
AC
Output AC linearity
at 10Gbps, with GAIN = L4
1100
mVpp
at 20Gbps, with GAIN = L4
1080
mVpp
5.7 SMBUS/I2C Timing Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Secondary Mode
tSP
Pulse width of spikes which must be
suppressed by the input filter
50
ns
tHD-STA
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
0.6
µs
TDP2004
SNLS745 – NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com