Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP2004 Datasheet(PDF) 13 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
6.4 Device Functional Modes
6.4.1 Active Mode
The device is in normal operation. In this mode, the TDP2004 redrives and equalizes video mainlink signals to
provide better signal integrity.
6.4.2 Standby Mode
The device is in standby mode invoked by PD = H. In this mode, the device is in standby mode conserving
power.
6.5 Programming
6.5.1 Pin mode
The TDP2004 can be fully configured through pin-strap pins. In this mode the device uses 2-level and 5-level
pins for device control and signal integrity optimum settings.
6.5.1.1 Five-Level Control Inputs
The TDP2004 has four (EQ0, EQ1, GAIN, and MODE) 5-level input pins that are used to control the
configuration of the device. These 5-level inputs use a resistor divider to help set the 5 valid levels and provide
a wider range of control settings. External resistors must be of 10% tolerance or better. The 5-level pins except
MODE are sampled at power-up only. The MODE pin can be exercised at device power up or in normal
operation mode.
Table 6-3. 5-level Control Pin Settings
LEVEL
SETTING
L0
1 kΩ to GND
L1
8.25 kΩ to GND
L2
24.9 kΩ to GND
L3
75 kΩ to GND
L4
F (Float)
6.5.2 SMBUS/I2C Register Control Interface
If MODE = L2 (SMBus/I2C Secondary control mode), then the TDP2004 is configured through a standard I2C
or SMBus interface that may operate up to 400 kHz. The secondary address of the TDP2004 is determined by
the pin strap settings on the ADDR1 and ADDR0 pins. The sixteen possible secondary addresses for channels
0-3 are provided in Table 6-4. In SMBus/I2C modes the SCL and SDA pins must be pulled up to a 3.3 V
supply with a pull-up resistor. The value of the resistor depends on total bus capacitance. 4.7 kΩ is a good first
approximation for a bus capacitance of 10 pF.
Table 6-4. SMBUS/I2C Secondary Address Settings
ADDR1
ADDR0
7-bit Secondary Address Channels 0-3
L0
L0
0x18
L0
L1
0x1A
L0
L2
0x1C
L0
L3
0x1E
L0
L4
Reserved
L1
L0
0x20
L1
L1
0x22
L1
L2
0x24
L1
L3
0x26
L1
L4
Reserved
L2
L0
0x28
L2
L1
0x2A
www.ti.com
TDP2004
SNLS745 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com