Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP2004 Datasheet(PDF) 12 Page - Texas Instruments

Part # TDP2004
Description  TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP2004 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Table 6-1 provides available equalization boost at 20Gbps (10 GHz Nyquist frequency) through EQ control pins
or SMBus/I2C registers. In Pin Control mode EQ1 and EQ0 pins set equalization boost for channels 0-3. In I2C
mode individual channels can be independently programmed for EQ boost. If the TDP2004 is used for other data
rates equalization gain can be extracted from Figure 5-1.
Table 6-1. Equalization Control Settings
EQUALIZATION SETTING
TYPICAL EQ BOOST (dB)
Pin mode
SMBus/I2C Mode
0
L0
L0
0
0
0
1
4.0
1
L0
L1
1
0
0
1
5.0
2
L0
L2
3
0
0
1
7.0
5
L1
L0
0
0
1
0
8.0
6
L1
L1
1
0
1
0
9.0
7
L1
L2
2
0
1
0
9.5
8
L1
L3
3
0
3
0
10.0
9
L1
L4
4
0
3
0
11.0
10
L2
L0
5
1
7
0
12.0
11
L2
L1
6
1
7
0
12.5
12
L2
L2
8
1
7
0
13.5
13
L2
L3
10
1
7
0
14.5
14
L2
L4
10
2
15
0
15.0
15
L3
L0
11
3
15
0
15.5
16
L3
L1
12
4
15
0
16.5
17
L3
L2
13
5
15
0
17.0
18
L3
L3
14
6
15
0
18.0
19
L3
L4
15
7
15
0
19.0
6.3.2 Flat-Gain
The GAIN pin can be used to set the overall data-path flat gain (DC and AC) of the TDP2004 when the device is
in Pin mode. The pin GAIN sets the Flat-Gain for channels 0-3. In I2C mode each channel can be independently
set. Table 6-2 provides flat gain control configuration settings. In the default recommendation for most systems
will be GAIN = L4 (float) that provides flat gain of 0 dB.
The flat-gain and equalization of the TDP2004 must be set such that the output signal swing at DC and high
frequency does not exceed the DC and AC linearity ranges of the devices, respectively.
Table 6-2. Flat Gain Configuration Settings
Pin mode GAIN
I2C Modeflat_gain_2:0
Flat Gain
L0
0
-5.6 dB
L1
1
-3.8 dB
L2
3
-1.2 dB
L4 (float)
5
0.6 dB (default recommendation)
L3
7
+2.6 dB
TDP2004
SNLS745 – NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDP2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com