Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4446 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4446
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4446 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4446 Datasheet HTML 5Page - Analog Devices LTC4446 Datasheet HTML 6Page - Analog Devices LTC4446 Datasheet HTML 7Page - Analog Devices LTC4446 Datasheet HTML 8Page - Analog Devices LTC4446 Datasheet HTML 9Page - Analog Devices LTC4446 Datasheet HTML 10Page - Analog Devices LTC4446 Datasheet HTML 11Page - Analog Devices LTC4446 Datasheet HTML 12Page - Analog Devices LTC4446 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
LT8418
analog.com
Rev 0
9 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Peak Source Current vs. Driver Ouput Voltage
Figure 6. Peak Sink Current vs. Driver Ouput Voltage
Figure 7. VCC Operating Current vs. Switching Frequency
Figure 8. BST Operating Current vs. Switching Frequency
Figure 9. VCC Quiescent Current vs. Temperature
Figure 10. BST Quiescent Current vs. Temperature
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VTGP, VBGP (V)
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
VTGN, VBGN (V)
VCC = 5V
DRIVE GS61008P FETs
FSW (kHz)
1
10
100
1k
10k
0.1
1
10
100
1k
VCC = 5V
DRIVE GS61008P FETs
FSW (kHz)
1
10
100
1k
10k
0.01
0.1
1
10
100
VIN = 6V
VIN = 5V
VIN = 3.5V
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
200
210
220
230
240
250
260
270
280
VBST = 3.5V
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
70
71
72
73
74
75
76
77
78
79
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com