Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4446 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4446
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4446 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4446 Datasheet HTML 9Page - Analog Devices LTC4446 Datasheet HTML 10Page - Analog Devices LTC4446 Datasheet HTML 11Page - Analog Devices LTC4446 Datasheet HTML 12Page - Analog Devices LTC4446 Datasheet HTML 13Page - Analog Devices LTC4446 Datasheet HTML 14Page - Analog Devices LTC4446 Datasheet HTML 15Page - Analog Devices LTC4446 Datasheet HTML 16Page - Analog Devices LTC4446 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
LT8418
analog.com
Rev 0
13 of 19
pull-down resistance, a strong 4A current sourcing, and 8A current sinking capability, which is suited to use to drive
a variety of GaN FETs with different QG or RDS(ON) values. All driver outputs, TGP and TGN, have default 500kΩ pull-
down resistance to SW node; BGP and BGN have default 500kΩ pull-down resistance to ground to prevent top and
bottom GaN FETs from false turn-on.
APPLICATIONS INFORMATION
The front page shows a typical LT8418 application circuit. This section serves as a guideline for selecting external
components for typical applications.
1.1. Selecting the VCCand BST Capacitor
The LT8418 can support a wide range of switching frequencies. Thus, the VCC and BST capacitors must be selected
properly based on the system switching frequency, QG, of GaN FETs.
The bypass capacitor CVCCprovides the gate charge for the top-side and bottom-side GaN FETs. The charge to turn on
the external GaN FET is referred as gate charge, QG, and is typically specified in the external GaN FET data sheet. Gate
charge depends on the gate drive level and external GaN FET, ranging from 1nC to tens of nC. The required bypass
capacitance can be approximated as:
CVCC >
Q
GT + QGB
∆V
(1)
where:
Q
GT and QGB are the gate charge of the top-side and bottom-side GaN FETs, respectively.
∆V
is the maximum allowable voltage drop across CVCC.
An external boost capacitor, CBST, connected between BST and SW, supplies the gate driver voltage for its respective
GaN FET driver. To turn on the external GaN FET, the driver places the CBST voltage across the gate and source of the
GaN FET. The CBST capacitance must have at least ten times the gate capacitance to fully turn on the external GaN
FET. For most applications, a capacitor value of 0.1uF for CBST is sufficient. However, if multiple GaN FETs are
paralleled and driven by the LT8418, the CBST capacitance must be increased correspondingly and should be
maintained in the following relationship:
CBST >
10Q
GT,TOTAL
1V
(2)
A BST switch is integrated into the LT8418 to keep charging the CBST, eliminating the requirement of the external VCC-
to-BST Schottky diode. An additional diode from VCC to BST may cause the overcharge of the BST rail and gate
damage of high side GaN FET. When the BG/TG is low, the total current from VCC is typically 250μA; when the BG/TG
is switching at 400kHz with a 1nF capacitance load at driver outputs, the total current from VCC is typically 2.4mA.
1.2. Selecting the Gate Resistance
The LT8418 provides split gate drivers for top and bottom GaN power switches. A typical gate resistor up to 5.6Ω can
be added to TGP/TGN and BGP/BGN pins to adjust the turn-on/turn-off rate of two GaN FETs for electromagnetic
interference (EMI) and efficiency optimization.
1.3. Power Dissipation
The major power dissipation on the LT8418 is the sum of the power loss on the gate driver and the BST switch. The
gate driver loss is caused by charging and discharging the gate capacitance of the GaN FETs. Because the gate loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com