Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TA2
Description  Max. load 1,000N (push/pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TA2 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Note
1 Please refer to the approved drawing for the final authentic value.
2 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
3 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC. With a 36V DC motor, the current is approximately two-thirds the current measured in 24V DC. With a 48V
DC motor, the current is approximately half the current measured in 24V DC. Speed will be similar for all the voltages.
4 The current & speed in table are tested when the actuator is extending under push load.
5 The current & speed in table and diagram are tested with a stable 24V DC power supply.
6 With load, noise level ≤ 74dBA (by TiMOTION test standard, ambient noise level ≤ 36dBA)
Load and Speed
CODE
Load (N)
Self
Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
24V DC
With Load
24V DC
No Load
24V DC
With Load
24V DC
Motor Speed (4200RPM, duty cycle 25%)
A
120
120
120
0.8
1.0
44.0
33.0
B
240
240
240
0.7
1.0
22.0
16.5
C
500
500
500
0.6
0.9
11.0
8.5
D
750
750
750
0.6
0.9
7.5
6.2
E
1000
1000
1000
0.6
0.9
5.6
4.6
Motor Speed (6000RPM, duty cycle 25%)
F
120
120
120
1.0
1.8
67.5
51.0
G
240
240
240
0.9
1.7
33.5
26.5
H
500
500
500
0.8
1.5
17.0
14.0
K
750
750
750
0.8
1.5
11.0
10.0
L
1000
1000
1000
0.8
1.5
9.0
7.6
CODE
Load (N)
Max Stroke (mm)
A, B, F, G
≤ 250
1000
C, D, H, K
≤ 750
800
E, L
≤ 1000
600



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com