Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA2
Description  Max. load 1,000N (push/pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA2 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
TiMOTION's TA2 series linear actuator is compact, robust and capable of
performing well in certain outdoor environments. This linear actuator is perfect
for use in small spaces where force or capability cannot be sacrificed. Options
include feedback sensors, signal sending limit switches and 90 degree clevis
mounting.
General Features
Max. load
1,000N (push/pull)
Max. speed at max. load
7.6mm/s
Max. speed at no load
67.5mm/s
Retracted length
≥ Stroke + 105mm (without output signals)
IP rating
IP66M
Certificate
EMC
Stroke
20~1000mm
Output signals
Mechanical pot., embedded reed switch,
NPN Hall sensor, Adjustable Reed switch
Voltage
12/24/36/48V DC; 12/24/36/48V DC (PTC)
Color
Silver
Operational temperature range
+5˚C~+45˚C (Load < 500N);
-25˚C~+65˚C (Load ≥ 500N)
Operational temperature range
+5°C~+45°C
at full performance
Product Segments
• Industrial Motion
TA2
series


Similar Part No. - TA2

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TA2 MAGNETROL-TA2 Datasheet
1Mb / 12P
THERMATEL짰THERMALDISPERSION
logo
Tumbler Technologies + ...
TA2 TRUMPOWER-TA2 Datasheet
30Kb / 1P
DC/DC CONVERTERS
logo
France Joint
TA2 FRANCEJOINT-TA2 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
logo
Tumbler Technologies + ...
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
DC/DC CONVERTERS
More results

Similar Description - TA2

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA9 TIMOTION-TA9 Datasheet
887Kb / 11P
Max. load 2,500N (push); 1,000N (pull)
20210521-O
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com