Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2 Datasheet(PDF) 8 Page - TiMOTION Technology Co. Ltd.

Part # TA2
Description  Max. load 1,000N (push/pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2 Datasheet(HTML) 8 Page - TiMOTION Technology Co. Ltd.

Back Button TA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA2 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Rear Attachment (mm)
Voltage
TA2 Ordering Key Appendix
1 = Aluminum, slotless, hole 6.4, one
piece casting with gearbox
2 = Aluminum, slotless, hole 8.0, one
piece casting with gearbox
3 = Aluminum, slotless, hole 10.0,
one piece casting with gearbox
4 = Aluminum, U clevis, slot 6.0,
depth 10.5, hole 6.4, one piece
casting with gearbox
5 = Aluminum, U clevis, slot 6.0,
depth 10.5, hole 8.0, one piece
casting with gearbox
6 = Aluminum, U clevis, slot 6.0,
depth 10.5, hole 10.0, one piece
casting with gearbox
11
ø6.4
R8.9
11
ø8
R8.9
11
ø10
R8.9
15
10.5
ø6.4
15
10.5
ø8
15
10.5
ø10
5 = 24V DC, PTC
7 = 36V DC, PTC
6 = 12V DC, PTC
8 = 48V DC, PTC
PTC
100
min 250
PTC
100
min 250
PTC
100
min 250
PTC
100
min 250



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com