Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85063AT Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF85063AT Datasheet HTML 14Page - NXP Semiconductors PCF85063AT Datasheet HTML 15Page - NXP Semiconductors PCF85063AT Datasheet HTML 16Page - NXP Semiconductors PCF85063AT Datasheet HTML 17Page - NXP Semiconductors PCF85063AT Datasheet HTML 18Page - NXP Semiconductors PCF85063AT Datasheet HTML 19Page - NXP Semiconductors PCF85063AT Datasheet HTML 20Page - NXP Semiconductors PCF85063AT Datasheet HTML 21Page - NXP Semiconductors PCF85063AT Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
7.2.4 Register RAM_byte
The PCF85063A provides a free RAM byte, which can be used for any purpose, for example, status byte of the
system.
Bit
Symbol
Value
Description
7 to 0
B[7:0]
0000 0000[1] to
1111 1111
RAM content
Table 17. RAM_byte - 8-bit RAM register (address 03h) bit description
[1]
Default value.
7.3 Time and date registers
Most of the registers are coded in the BCD format to simplify application use.
7.3.1 Register Seconds
Bit
Symbol
Value
Place value
Description
oscillator stop
0
-
clock integrity is guaranteed
7
OS
1[1]
-
clock integrity is not guaranteed;
oscillator has stopped or has been
interrupted
6 to 4
0[1] to 5
ten’s place
3 to 0
SECONDS
0[1] to 9
unit place
actual seconds coded in BCD format, see
Table 19
Table 18. Seconds - seconds register (address 04h) bit description
[1]
Default value.
Upper-digit (ten’s place)
Digit (unit place)
Seconds value in
decimal
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00[1]
0
0
0
0
0
0
0
01
0
0
0
0
0
0
1
02
0
0
0
0
0
1
0
:
:
:
:
:
:
:
:
09
0
0
0
1
0
0
1
10
0
0
1
0
0
0
0
:
:
:
:
:
:
:
:
58
1
0
1
1
0
0
0
59
1
0
1
1
0
0
1
Table 19. Seconds coded in BCD format
[1]
Default value.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
18 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com