Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85063AT Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF85063AT Datasheet HTML 30Page - NXP Semiconductors PCF85063AT Datasheet HTML 31Page - NXP Semiconductors PCF85063AT Datasheet HTML 32Page - NXP Semiconductors PCF85063AT Datasheet HTML 33Page - NXP Semiconductors PCF85063AT Datasheet HTML 34Page - NXP Semiconductors PCF85063AT Datasheet HTML 35Page - NXP Semiconductors PCF85063AT Datasheet HTML 36Page - NXP Semiconductors PCF85063AT Datasheet HTML 37Page - NXP Semiconductors PCF85063AT Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
VDD = 0.9 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs = 60 kΩ; CL = 7 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
LOW-level output voltage
on pins SDA, INT,
CLKOUT
VSS
-
0.2VDD
V
IOH
HIGH-level output current
output source current;
VOH = 2.9 V;
VDD = 3.3 V;
on pin CLKOUT
1
3
-
mA
output sink current;
VOL = 0.4 V;
VDD = 3.3 V
on pin SDA
3
8.5
-
mA
on pin INT
2
6
-
mA
IOL
LOW-level output current
on pin CLKOUT
1
3
-
mA
Oscillator
Δfosc/fosc
relative oscillator frequency
variation
ΔVDD = 200 mV; Tamb
= 25 °C
-
0.075
-
ppm
on pins OSCO, OSCI
[7]
CL = 7 pF
4.2
7
9.8
pF
CL(itg)
integrated load capacitance
CL = 12.5 pF
7.5
12.5
17.5
pF
Rs
series resistance
-
-
100
kΩ
Table 40. Static characteristics...continued
[1]
For reliable oscillator start-up at power-on use VDD greater than 1.2 V. If powered up at 0.9 V the oscillator will start but it might be a bit slow, especially if
at high temperature. Normally the power supply is not 0.9 V at start-up and only comes at the end of battery discharge. VDD min of 0.9 V is specified so
that the customer can calculate how large a battery or capacitor they need for their application. VDD min of 1.2 V or greater is needed to ensure speedy
oscillator start-up time. For a restart condition, NXP recommends a full '0 V' VDD value upon re-biasing.
[2]
400 kHz I2C operation is production tested at 1.8 V. Design methodology allows I2C operation at 1.8 V - 5 % (1.71 V) which has been verified during
product characterization on a limited number of devices.
[3]
Timer source clock = 1⁄60 Hz, level of pins SCL and SDA is VDD or VSS.
[4]
Tested on sample basis.
[5]
The I2C-bus interface of PCF85063A is 5 V tolerant.
[6]
Implicit by design.
[7]
Integrated load capacitance, CL(itg), is a calculation of COSCI and COSCO in series:
.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
34 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com