Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85063AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF85063AT Datasheet HTML 1Page - NXP Semiconductors PCF85063AT Datasheet HTML 2Page - NXP Semiconductors PCF85063AT Datasheet HTML 3Page - NXP Semiconductors PCF85063AT Datasheet HTML 4Page - NXP Semiconductors PCF85063AT Datasheet HTML 5Page - NXP Semiconductors PCF85063AT Datasheet HTML 6Page - NXP Semiconductors PCF85063AT Datasheet HTML 7Page - NXP Semiconductors PCF85063AT Datasheet HTML 8Page - NXP Semiconductors PCF85063AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
7.1 Registers organization
Bit positions labeled as - are not implemented. After reset, all registers are set according to Table 7.
Bit
Address Register name
7
6
5
4
3
2
1
0
Reference
Control and status registers
00h
Control_1
EXT_TEST -
STOP
SR
-
CIE
12_24
CAP_SEL
Section 7.2.1
01h
Control_2
AIE
AF
MI
HMI
TF
COF[2:0]
Section 7.2.2
02h
Offset
MODE
OFFSET[6:0]
Section 7.2.3
03h
RAM_byte
B[7:0]
Section 7.2.4
Time and date registers
04h
Seconds
OS
SECONDS (0 to 59)
Section 7.3.1
05h
Minutes
-
MINUTES (0 to 59)
Section 7.3.2
AMPM
HOURS (1 to 12) in 12-hour mode
06h
Hours
-
-
HOURS (0 to 23) in 24-hour mode
Section 7.3.3
07h
Days
-
-
DAYS (1 to 31)
Section 7.3.4
08h
Weekdays
-
-
-
-
-
WEEKDAYS (0 to 6)
Section 7.3.5
09h
Months
-
-
-
MONTHS (1 to 12)
Section 7.3.6
0Ah
Years
YEARS (0 to 99)
Section 7.3.7
Alarm registers
0Bh
Second_alarm
AEN_S
SECOND_ALARM (0 to 59)
Section 7.5.1
0Ch
Minute_alarm
AEN_M
MINUTE_ALARM (0 to 59)
Section 7.5.2
AMPM
HOUR_ALARM (1 to 12) in 12-hour mode
0Dh
Hour_alarm
AEN_H
-
HOUR_ALARM (0 to 23) in 24-hour mode
Section 7.5.3
0Eh
Day_alarm
AEN_D
-
DAY_ALARM (1 to 31)
Section 7.5.4
0Fh
Weekday_alarm AEN_W
-
-
-
-
WEEKDAY_ALARM (0 to 6)
Section 7.5.5
Timer registers
10h
Timer_value
T[7:0]
Section 7.6.1
11h
Timer_mode
-
-
-
TCF[1:0]
TE
TIE
TI_TP
Section 7.6.2
Table 4. Registers overview
7.2 Control registers
To ensure that all control registers will be set to their default values, the VDD level must be at zero volts at initial
power-up. If this is not possible, a reset must be initiated with the software reset command when power is
stable. Refer to Section 7.2.1.3 for details.
7.2.1 Register Control_1
Bit
Symbol
Value
Description
Reference
external clock test mode
0[1]
normal mode
7
EXT_TEST
1
external clock test mode
Section 7.2.1.1
6
-
0
unused
-
STOP bit
5
STOP
0[1]
RTC clock runs
Section 7.2.1.2
Table 5. Control_1 - control and status register 1 (address 00h) bit description
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
5 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com