Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPF201 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CPF201
Description  Compact electrode for pH measurement in pure and ultrapure water
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPF201 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CPF201 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PuriSys CPF 201
4
Endress+Hauser
Installation
Calibration
When installing a new CPF 201 electrode, perform a two-point calibration using pH 4 and 7 buffer
solutions to establish that the electrode and the transmitter are functional together. To do so, refer
to the operating instructions of the transmitter.
Rinse the electrode thoroughly with ultra-pure water to remove all traces of the buffer solutions
prior to inserting the electrode into the flow assembly.
Since the pH variation in ultra-pure water is very small, routine one-point calibration of the
CPF 201 electrode is performed by comparative sample measurement according to the ASTM
test method. When performing sample measurements take note of the following:
• The sample chamber and the sample line must avoid exposure of the ultra-pure water to the
atmosphere.
– Ultra-pure water is highly unbuffered and the slightest amount of contamination can change
the pH value significantly. Specifically, ultra-pure water rapidly absorbs CO
2 gas from the
atmosphere which lowers the pH value of the sample.
– The sample may contain volatile substances that will rapidly dissipate when exposed to the
atmosphere.
• The sample to be measured should be at the same temperature as the medium stream because
ultra-pure water has a significant temperature coefficient.
• To obtain repeatable measurement results, the flow rate of the sample chamber must be
stabilised. Also, the pressure must be stable.
Installation instructions
The electrode is threaded into the flow assembly and hand-tightened.
When mounting the flow assembly, make sure that the inlet and outlet ports are vertical with the
inlet on the bottom. In this fashion, the electrode mounting hole will be at the top right. This will
ensure that bubbles in the water stream will not collect and interfere with the measurements.
The supplied PVC mounting plate for electrical isolation ensures a noiseless pH reading.
To mount the PVC mounting plate on posts or pipes, use the mounting brackets included in the
package.
C07-CPF201xx-11-05-00-xx-001.eps
˜ÃÌ>>̈œ˜Êˆ˜Ê̅iÊvœÜÊVi
£
Ó
Î
*6ʓœÕ˜Ìˆ˜}Ê«>Ìi
*ÊÓä£ÊiiVÌÀœ`i
œÕ˜Ìˆ˜}ʅœiÃÊ­LÀ>VŽiÌÃÊvœÀÊ«œÃÌʓœÕ˜Ìˆ˜}Ê
ˆ˜VÕ`i`ʈ˜ÊÃVœ«iʜvÊ`iˆÛiÀÞ®
{
x
È
˜iÌÊ«œÀÌ
œÜÊ>ÃÃi“LÞ
"Õ̏iÌÊ«œÀÌ
6
5
2
1
4
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com