Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPF201 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CPF201
Description  Compact electrode for pH measurement in pure and ultrapure water
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPF201 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CPF201 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PuriSys CPF 201
Endress+Hauser
3
Input
Measured values
pH value
Temperature
Measuring range
Response time
t
90 <10 s
Cable specifications
The CPF 201 electrode is connected to the measuring transmitter using the CPK 9 measuring
cable (version without potential matching line).
C07-CPK9xxx-03-11-00-en-002.eps
*ʙʓi>ÃÕÀˆ˜}ÊV>Li
Wiring of CPK 9 to
transmitter
pH value
0 ... 14 pH
Temperature
2 ... 75 °C / 36 ... 167 °F
Coax BK
Coax WH
GN
WH
YE
Plug
Shield connection
Cable
Transmitter
CPK 9
Liquisys M CPM 223 / 253
Mycom S CPM 153
Pin
Function
Terminal
Function
Terminal
Function
Coax BK
Reference
Ref
Reference
Ref
Reference
Coax WH
pH
pH
pH
pH
pH
GN
Temp. (Pt 100)
11
TC
11
TC
WH
Temp. (Pt 100)
12
TC common
13
TC common
YE
Temp. (Pt 100)
13
TC
12
TC
Shield
EMC
protection
S
Shield
Shield connection /
Pg thread
Shield



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com