| Electronic Components Datasheet Search |
|
CPF201 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CPF201 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG |
|
2 / 8 page ![]() PuriSys CPF 201 2 Endress+Hauser Function and system design Measuring principle pH measurement The pH value is used as a unit of measurement for the acidity or alkalinity of a liquid medium. The membrane glass of the electrode supplies an electrochemical potential which is dependent upon the pH value of the medium. This potential is generated by the selective penetration of H+ ions through the outer layer of the membrane. An electrochemical boundary layer with an electric potential forms at this point. An integrated Ag/AgCl reference system serves as reference electrode. The transmitter converts the measured voltage into the corresponding pH value using the Nernst equation. Important properties PuriSys CPF 201 • Reference system The CPF 201 electrode has a porous Teflon reference junction in a double reference chamber for long life in all high purity water applications. • Temperature compensation In addition, a Pt 100 or Pt 1000 temperature sensor is embedded in the pH glass bulb stem for quick temperature response. • Easy connection The electrode is connected via the water-proof plug-in system TOP 68. • Flow assembly The flow cell has been designed to dissipate static electrical charges inherent in flowing water with low conductivity. The flow assembly design minimizes trapped particles and contaminants. Measuring system The complete measuring system comprises: • PuriSys CPF 201 electrode with stainless steel body • PuriSys CPF 201 stainless steel flow assembly with compression fitting on inlet and outlet • CPK 9 measuring cable (not included in scope of delivery) • Transmitter, e.g. Liquisys M CPM 223, Mycom S CPM 153 (not included in scope of delivery) C07-CPF201xx-14-05-00-xx-001.eps i>ÃÕÀ}ÊÃÞÃÌiÊiÝ>«i £ "ÕÌiÌ Ó *6ÊÕÌ}Ê«>ÌiÊvÀÊiiVÌÀV>ÊÃ>Ì Î *ÕÀ-ÞÃÊ*ÊÓä£ÊvÜÊ>ÃÃiLÞ { iÌ x *ÊÊi>ÃÕÀ}ÊV>Li È *ÕÀ-ÞÃÊ*ÊÓä£ÊiiVÌÀ`i Ç µÕÃÞÃÊÊ*ÊÓÓÎÊÌÀ>ÃÌÌiÀ 2 3 5 6 7 0 13 0 pH ENDRESS+HAUSER LIQUISYS M CAL REL REL 1 REL 1 ALARM REL 2 REL 2 E Setpoint R232 1 4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |