Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP201 Datasheet(PDF) 5 Page - E+E Elektronik Ges.m.b.H

Part # HTP201
Description  Humidity and Temperature Probe with Analogue Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP201 Datasheet(HTML) 5 Page - E+E Elektronik Ges.m.b.H

  HTP201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Datasheet HTP201
v1.1 / Modification rights reserved | 5
Technical Data
Measurands
Relative humidity (RH)
Measuring range
0...100 %RH
Accuracy1)
@ 24 V DC, air velocity >0.2 m/s (>39 ft/min),
incl. hysteresis, non-linearity and repeatability,
current version RL=250 Ω
23 °C (0…100 %RH)
0…40 °C (0…100 %RH)
-20…80 °C (0…100 %RH)
-40…-20 °C (0…100 %RH)
±2.5 %RH
±3 %RH
±4 %RH
±5 %RH
1) Traceable to international standards, administrated by NIST, PTB, BEV,...
The accuracy statement includes the uncertainty of the factory calibration with an enhancement factor k=2 (2-times standard deviation).
The accuracy was calculated in accordance with EA-4/02 and with regard to GUM (Guide to the Expression of Uncertainty in Measurement).
Temperature (T)
Measuring range
-40...+80 °C (-40...+176 °F)
Accuracy
Incl. hysteresis, non-linearity and repeatability
0.5
0.6
0.4
0.3
0.2
0.1
± ∆T [°C]
T [°C]
Outputs
Analogue
RH 0...100 %
T -40...+60/80 °C (see ordering guide)
Output
Output
Output
Output
0 - 1 V
(-0.1 mA < IL < 0.1 mA)
0 - 5 V
(-0.2 mA < IL < 0.2 mA)
0 - 10 V
(-1.0 mA < IL < 1.0 mA)
IL = load current
4 - 20 mA (2-wire)
RL ≤ 500 Ω
RL= load resistance
T Sensor Passive
With Model M6 only (RH + T passive)
4-wire-connection, T sensor according to ordering guide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com