Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP201 Datasheet(PDF) 7 Page - E+E Elektronik Ges.m.b.H

Part # HTP201
Description  Humidity and Temperature Probe with Analogue Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP201 Datasheet(HTML) 7 Page - E+E Elektronik Ges.m.b.H

  HTP201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Datasheet HTP201
v1.1 / Modification rights reserved | 7
Order Example
HTP201-M1A3E8KL150
Feature
Code
Description
Model
M1
RH + T
Enclosure
No code
Polycarbonate (PC)
Analogue output
A3
0 - 10 V
Filter
No code
Membrane, polycarbonate body
Electrical connection
E8
Cable
Connection cable length
KL150
1.5 m (4.9 ft)
T scaling low
No code
-40 °C
T scaling high
No code
60 °C
Ordering Guide
Feature
Description
Code
HTP201-
Model
RH + T
M1
-
RH + T passive
-
M6
Enclosure
Polycarbonate (PC)
No code
Stainless steel
HS2
-
Analogue output
0 - 1 V
A1
A1
-
0 - 5 V
A2
A2
-
0 - 10 V
A3
A3
-
4 - 20 mA
-
A6
A6
T sensor passive
Pt100 DIN A
-
TP1
Pt1000 DIN A
-
TP3
NTC10k, B3950 K
-
TP5
Filter
Membrane, polycarbonate body
No code
Metal grid, polycarbonate body
F3
Stainless steel sintered
F4
Stainless steel - metal grid
F9
-
Electrical connection
Cable
E8
M12 connector, 4 poles
E9
-
Connection cable length1)
1.5 m (4.9 ft)
KL150
3 m (9.8 ft)
KL300
5 m (16.4 ft)
KL500
T scaling low
-40 °C
No code
T scaling high
60 °C
No code
80 °C
SBH80
1) Only in combination with the cable version



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com